Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC574D118 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74AHC574D118
Description  Octal D-type flip-flop; positive edge-trigger; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC574D118 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74AHC574D118 Datasheet HTML 7Page - NXP Semiconductors 74AHC574D118 Datasheet HTML 8Page - NXP Semiconductors 74AHC574D118 Datasheet HTML 9Page - NXP Semiconductors 74AHC574D118 Datasheet HTML 10Page - NXP Semiconductors 74AHC574D118 Datasheet HTML 11Page - NXP Semiconductors 74AHC574D118 Datasheet HTML 12Page - NXP Semiconductors 74AHC574D118 Datasheet HTML 13Page - NXP Semiconductors 74AHC574D118 Datasheet HTML 14Page - NXP Semiconductors 74AHC574D118 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
74AHC_AHCT574_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 24 January 2008
11 of 18
NXP Semiconductors
74AHC574; 74AHCT574
Octal D-type flip-flop; positive edge-trigger; 3-state
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
The shaded areas indicate when the input is permitted to change for predicable output performance.
Fig 8.
The data input (D) to clock input (CP) set-up times and clock input (CP) to data input (D) hold times
mna803
GND
GND
th
tsu
th
tsu
VM
VM
VM
VI
VOH
VOL
VI
Qn output
CP input
Dn input
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 9.
Enable and disable times
001aah078
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
Qn output
LOW-to-OFF
OFF-to-LOW
Qn output
HIGH-to-OFF
OFF-to-HIGH
OE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Table 8.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74AHC574
0.5VCC
0.5VCC
VOL + 0.3 V
VOH − 0.3 V
74AHCT574
1.5 V
0.5VCC
VOL + 0.3 V
VOH − 0.3 V


Numéro de pièce similaire - 74AHC574D118

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC574D PHILIPS-74AHC574D Datasheet
91Kb / 20P
   Octal D-type flip-flop; positive edge-trigger; 3-state
1999 Jun 16
74AHC574D NXP-74AHC574D Datasheet
107Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-24 January 2008
logo
Nexperia B.V. All right...
74AHC574D NEXPERIA-74AHC574D Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
More results

Description similaire - 74AHC574D118

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
logo
NXP Semiconductors
74ALVC574 NXP-74ALVC574 Datasheet
99Kb / 17P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02-8 November 2007
logo
Nexperia B.V. All right...
74ALVC374 NEXPERIA-74ALVC374 Datasheet
259Kb / 15P
   Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 30 April 2021
logo
NXP Semiconductors
74ALVC574 PHILIPS-74ALVC574 Datasheet
95Kb / 20P
   Octal D-type flip-flop positive edge-trigger 3-state
2002 Mar 04
74LV374 PHILIPS-74LV374 Datasheet
111Kb / 12P
   Octal D-type flip-flop; positive edge-trigger 3-State
1997 Mar 20
74HC374D-T NXP-74HC374D-T Datasheet
65Kb / 8P
   Octal D-type flip-flop; positive edge-trigger; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHCT574 NEXPERIA-74AHCT574 Datasheet
655Kb / 18P
   Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 02 - 24 January 2008
logo
Integral Corp.
IN74LV574 INTEGRAL-IN74LV574 Datasheet
194Kb / 8P
   Octal D-type flip-flop; positive edge-trigger (3-State)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com