Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS33001 Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce TS33001
Description  High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TS33001 Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TS33001 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS33001 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS33001 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS33001 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS33001 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS33001 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS33001 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS33001 Datasheet HTML 11Page - List of Unclassifed Manufacturers TS33001 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
- 10 -
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
TS33001/2
Version 1.3
PACKAGE MECHANICAL DRAWINGS (all dimensions in mm)
Units
MILLIMETERS
Dimensions Limits
MIN
NOM
MAX
Number of Pins
N
16
Pitch
e
0.50 BSC
Overall Height
A
0.80
0.90
1.00
Standoff
A1
0.00
0.02
0.05
Contact Thickness
A3
0.20 REF
Overall Length
D
3.00 BSC
Exposed Pad Width
E2
1.55
1.70
1.80
Overall Width
E
3.00 BSC
Exposed Pad Length
D2
1.55
1.70
1.80
Contact Width
b
0.20
0.25
0.30
Contact Length
L
0.20
0.30
0.40
Contact-to-Exposed Pad
K
0.20
-
-
TOP VIEW
BOTTOM VIEW
EXPOSED
PAD


Numéro de pièce similaire - TS33001

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Semtech Corporation
TS33001 SEMTECH-TS33001 Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33001-M000QFNR SEMTECH-TS33001-M000QFNR Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33001-M008QFNR SEMTECH-TS33001-M008QFNR Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33001-M009QFNR SEMTECH-TS33001-M009QFNR Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
More results

Description similaire - TS33001

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS33001 SEMTECH-TS33001 Datasheet
345Kb / 16P
   High Efficiency Synchronous 1/2/3A DC/DC Buck Converter, 5Mhz
Rev 1.6 January 15, 2016
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
   High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
Diodes Incorporated
AP3502E DIODES-AP3502E Datasheet
523Kb / 11P
   2A SYNCHRONOUS DC-DC BUCK CONVERTER
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com