Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS30111 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce TS30111
Description  High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TS30111 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  TS30111 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS30111 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS30111 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS30111 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS30111 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS30111 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS30111 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS30111 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS30111 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
- 2 -
TS30111
Version 1.0
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
PINOUT
VCC
VCC
GND
VSW
VCC
BST
EN
VSW
TS30111
`
PIN 1
Figure 1: 16 Lead 3x3 QFN, Top View
PIN DESCRIPTION FOR 16 LEAD 3X3 QFN
Pin Symbol
Pin #
Function
Description
VSW
1
Switching Voltage Node
Connected to 3.3uH (typical) inductor
VCC
2
Input Voltage
Input voltage
VCC
3
Input Voltage
Input voltage
GND
4
GND
Primary ground for the majority of the device except
the low-side power FET
FB
5
Feedback Input
Regulator FB Voltage. Connects to VOUT for fixed mode
and the output resistor divider for adjustable mode
NC
6
No Connect
Not Connected
NC
7
No Connect
Not Connected
PG
8
Power Good Output
Open-drain output
EN
9
Enable Input
Above 2.2V the device is enabled. GND the pin to put
device in standby mode. Includes internal pull-up
BST
10
Bootstrap Capacitor
Bootstrap capacitor for the high-side FET gate driver.
22nF ceramic capacitor from BST pin to VSW pin
VCC
11
Input Voltage
Input Voltage
VSW
12
Switching Voltage Node
Connected to 3.3uH (typical) inductor
VSW
13
Switching Voltage Node
Connected to 3.3uH (typical) inductor
PGND
14
Power GND
GND supply for internal low-side FET/integrated diode
PGND
15
Power GND
GND supply for internal low-side FET/integrated diode
VSW
16
Switching Voltage Node
Connected to 3.3uH (typical) inductor


Numéro de pièce similaire - TS30111

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
TS30111 SEMTECH-TS30111 Datasheet
1Mb / 21P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
TS30111-M000 SEMTECH-TS30111-M000 Datasheet
1Mb / 21P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
TS30111-M015 SEMTECH-TS30111-M015 Datasheet
1Mb / 21P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
TS30111-M018 SEMTECH-TS30111-M018 Datasheet
1Mb / 21P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
TS30111-M025 SEMTECH-TS30111-M025 Datasheet
1Mb / 21P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
More results

Description similaire - TS30111

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
TS30111 SEMTECH-TS30111 Datasheet
1Mb / 21P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
List of Unclassifed Man...
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Advanced Analogic Techn...
AAT1151 ANALOGICTECH-AAT1151_07 Datasheet
559Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1151 SKYWORKS-AAT1151 Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Advanced Analogic Techn...
AAT1151 ANALOGICTECH-AAT1151 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com