Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS12001 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce TS12001
Description  nanoSmart짰 Battery Management Under-Voltage Load Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TS12001 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  TS12001 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS12001 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS12001 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS12001 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS12001 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS12001 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS12001 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS12001 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS12001 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
- 1 -
TS12001
Version 1.3
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
nanoSmart® Battery Management Under-Voltage Load Switch
DESCRIPTION
FEATURES
 Off-Active™ feature with ultra-low pico-amp
current
 Best-in-class Off-active™ quiescent current of
100pA
 Ultra-low on-active quiescent current of 70nA
 Accurate on to Off-active™ voltage threshold
 Threshold voltage options of 1.2V - 4.2V in
100mV steps (programmed at manufacturing)
 Supervisory over-current limit shutdown
 Low Rds(on): 175mΩ typical @ 5V
 Low drop out disconnect from VBAT to loads
 Turn-on slew rate controlled
 500mV off to on-active hysteresis
SUMMARY SPECIFICATIONS
 Wide input voltage range: 1.2V – 5.5V
 Packaged in a 8pin DFN (2x2)
Block Diagram
The TS12001 Off-Active™ battery management
load switch is used to protect a battery from
excessive discharge. It consists of an internally
generated
threshold
voltage
(VTHRESH),
comparator with hysteresis, slew rate control for
the load switch, a P-Channel load switch, and an
open-drain indicator pin. When the input battery
voltage is above VTHRESH, the load switch is on-
active. When the input battery voltage falls to
VTHRESH, the load switch is Off-Active™ and the
quiescent current draw is approximately 100pA.
APPLICATIONS
 Portable Battery
 Industrial
 Medical
 SmartCard
 RFID
 Energy Harvesting Systems
G N D
R e g u la te d
T h re s h o ld
V O U T
n P G
V C C


Numéro de pièce similaire - TS12001

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS12001 TOUCHSTONE-TS12001 Datasheet
872Kb / 8P
   A 0.65V/1關A Nanopower Voltage Detector with Dual Outputs
logo
Silicon Laboratories
TS12001 SILABS-TS12001 Datasheet
1Mb / 11P
   Nanopower Voltage Detector with Dual Outputs
logo
Semtech Corporation
TS12001 SEMTECH-TS12001 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
TS12001-C017 SEMTECH-TS12001-C017 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
TS12001-C021 SEMTECH-TS12001-C021 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
More results

Description similaire - TS12001

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
TS12001 SEMTECH-TS12001 Datasheet
1Mb / 11P
   Battery Management Under-Voltage Load Switch
logo
Analog Devices
ZSPM4121 AD-ZSPM4121 Datasheet
950Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
logo
Renesas Technology Corp
ZSPM4121 RENESAS-ZSPM4121 Datasheet
577Kb / 17P
   Under-Voltage Load Switch for Smart Battery Management
January 29, 2016
logo
ON Semiconductor
FPF1107 ONSEMI-FPF1107 Datasheet
745Kb / 16P
   Advance Load Management Switch
November 2009 Rev. 1.0.1
FPF1504 ONSEMI-FPF1504_V01 Datasheet
950Kb / 11P
   Advanced Load Management Switch
July, 2023 - Rev. 4
FPF1504 ONSEMI-FPF1504 Datasheet
649Kb / 12P
   Advanced Load Management Switch
September 2016 Rev. 1.11
logo
Fairchild Semiconductor
FPF1107 FAIRCHILD-FPF1107 Datasheet
931Kb / 14P
   Advance Load Management Switch
FPF1103 FAIRCHILD-FPF1103 Datasheet
790Kb / 14P
   Advance Load Management Switch
FPF1504 FAIRCHILD-FPF1504 Datasheet
517Kb / 4P
   Advanced Load Management Switch
logo
Shenzhen Guan Hua Wei Y...
WSD3095DN56 WIINSOK-WSD3095DN56 Datasheet
2Mb / 5P
   Battery protection Load switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com