Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM25085SDE Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce LM25085SDE
Description  LM25085, LM25085-Q1 42V Constant On-Time PFET Buck Switching Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM25085SDE Fiches technique(HTML) 2 Page - Texas Instruments

  LM25085SDE Datasheet HTML 1Page - Texas Instruments LM25085SDE Datasheet HTML 2Page - Texas Instruments LM25085SDE Datasheet HTML 3Page - Texas Instruments LM25085SDE Datasheet HTML 4Page - Texas Instruments LM25085SDE Datasheet HTML 5Page - Texas Instruments LM25085SDE Datasheet HTML 6Page - Texas Instruments LM25085SDE Datasheet HTML 7Page - Texas Instruments LM25085SDE Datasheet HTML 8Page - Texas Instruments LM25085SDE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
1
2
3
4
5
8
7
6
FB
PGATE
ISEN
GND
VCC
ADJ
RT
VIN
8
7
6
5
4
3
2
1
Exposed Pad on Bottom
Connect to Ground
FB
GND
ADJ
PGATE
ISEN
VCC
RT
VIN
1
2
3
4
5
8
7
6
Exposed Pad on Bottom
Connect to Ground
FB
PGATE
ISEN
GND
VCC
ADJ
RT
VIN
LM25085, LM25085-Q1
SNVS593H – OCTOBER 2008 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. Top View
8-Lead HVSSOP-PowerPAD
Figure 3. Top View
See Package Number DGN0008A
8-Lead WSON
See Package Number NGQ0008A
Figure 2. Top View
8-Lead VSSOP
See Package Number DGK0008A
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
No.
1
ADJ
Current Limit Adjust
The current limit threshold is set by an external resistor from VIN to ADJ in
conjunction with the external sense resistor or the PFET’s RDS(ON).
2
RT
On-time control and shutdown
An external resistor from VIN to RT sets the buck switch on-time and switching
frequency. Grounding this pin shuts down the controller.
3
FB
Voltage Feedback from the
Input to the regulation and over-voltage comparators. The regulation level is 1.25V.
regulated output
4
GND
Circuit Ground
Ground reference for all internal circuitry
5
ISEN
Current sense input for current
Connect to the PFET drain when using RDS(ON) current sense. Connect to the PFET
limit detection.
source and the sense resistor when using a current sense resistor.
6
PGATE
Gate Driver Output
Connect to the gate of the external PFET.
7
VCC
Output of the gate driver bias
Output of the negative voltage regulator (relative to VIN) that biases the PFET gate
regulator
driver. A low ESR capacitor is required from VIN to VCC, located as close as
possible to the pins.
8
VIN
Input supply voltage
The operating input range is from 4.5V to 42V. A low ESR bypass capacitor must be
located as close as possible to the VIN and GND pins.
EP
Exposed Pad
Exposed pad on the underside of the package (HVSSOP-PowerPAD-8 and WSON
only). This pad is to be soldered to the PC board ground plane to aid in heat
dissipation.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM25085 LM25085-Q1


Numéro de pièce similaire - LM25085SDE

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM25085SDE NSC-LM25085SDE Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085SDE/NOPB TI-LM25085SDE/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
More results

Description similaire - LM25085SDE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
logo
National Semiconductor ...
LM25085 NSC-LM25085 Datasheet
500Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM25085A TI1-LM25085A_15 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller
LM25085A TI1-LM25085A_14 Datasheet
1Mb / 31P
[Old version datasheet]   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
logo
National Semiconductor ...
LM25085A NSC-LM25085A Datasheet
517Kb / 24P
   42V Constant On-Time PFET Buck Switching Controller with 0.9V Reference
LM5085 NSC-LM5085 Datasheet
463Kb / 22P
   75V Constant On-Time PFET Buck Switching Controller
logo
Texas Instruments
LM5085 TI1-LM5085 Datasheet
441Kb / 23P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM5085 TI-LM5085_15 Datasheet
1Mb / 33P
[Old version datasheet]   75V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com