Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2750SDX-ADJ Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce LM2750SDX-ADJ
Description  LM2750 Low Noise Switched Capacitor Boost Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM2750SDX-ADJ Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LM2750SDX-ADJ Datasheet HTML 6Page - Texas Instruments LM2750SDX-ADJ Datasheet HTML 7Page - Texas Instruments LM2750SDX-ADJ Datasheet HTML 8Page - Texas Instruments LM2750SDX-ADJ Datasheet HTML 9Page - Texas Instruments LM2750SDX-ADJ Datasheet HTML 10Page - Texas Instruments LM2750SDX-ADJ Datasheet HTML 11Page - Texas Instruments LM2750SDX-ADJ Datasheet HTML 12Page - Texas Instruments LM2750SDX-ADJ Datasheet HTML 13Page - Texas Instruments LM2750SDX-ADJ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
VOUT
VIN
VIN
2.7V to 5.6V*
GND
LM2750-ADJ
CIN
2.2 PF
COUT
2.2 PF
8, 9
1, 2
5, 6, DAP
Capacitors: 1.0PF - TDK C1608X5R1A105K
2.2PF - TDK C2012X7R1A225K
VOUT = 1.23V × (1 + R1/R2)
VOUT Range: 3.8V to 5.2V
IOUT up to 120mA
CAP+
CAP-
CFLY
1 PF
10
7
SD
4
FB
3
R1
R2
For VOUT < 4.9V:
max VIN= VOUT + 0.7V
LM2750
SNVS180L – APRIL 2002 – REVISED MAY 2013
www.ti.com
THERMAL SHUTDOWN
The LM2750 implements a thermal shutdown mechanism to protect the device from damage due to overheating.
When the junction temperature rises to 150ºC (typ.), the part switches into shutdown mode. The LM2750
releases thermal shutdown when the junction temperature of the part is reduced to 130ºC (typ.).
Thermal shutdown is most-often triggered by self-heating, which occurs when there is excessive power
dissipation in the device and/or insufficient thermal dissipation. LM2750 power dissipation increases with
increased output current and input voltage (see POWER EFFICIENCY AND POWER DISSIPATION section).
When self-heating brings on thermal shutdown, thermal cycling is the typical result. Thermal cycling is the
repeating process where the part self-heats, enters thermal shutdown (where internal power dissipation is
practically zero), cools, turns-on, and then heats up again to the thermal shutdown threshold. Thermal cycling is
recognized by a pulsing output voltage and can be stopped be reducing the internal power dissipation (reduce
input voltage and/or output current) or the ambient temperature. If thermal cycling occurs under desired operating
conditions, thermal dissipation performance must be improved to accommodate the power dissipation of the
LM2750. Fortunately, the WSON package has excellent thermal properties that, when soldered to a PCB
designed to aid thermal dissipation, allows the LM2750 to operate under very demanding power dissipation
conditions.
OUTPUT CURRENT LIMITING
The LM2750 contains current limit circuitry that protects the device in the event of excessive output current
and/or output shorts to ground. Current is limited to 300mA (typ.) when the output is shorted directly to ground.
When the LM2750 is current limiting, power dissipation in the device is likely to be quite high. In this event,
thermal cycling should be expected (see THERMAL SHUTDOWN section).
PROGRAMMING THE OUTPUT VOLTAGE OF THE LM2750-ADJ
As shown in the application circuit of Figure 14, the output voltage of the LM2750-ADJ can be programmed with
a simple resistor divider (see resistors R1 and R2). The values of the feedback resistors set the output voltage,
as determined by the following equation:
VOUT = 1.23V × (1 + R1/ R2)
In the equation above, the "1.23V" term is the nominal voltage of the feedback pin when the feedback loop is
correctly established and the part is operating normally. The sum of the resistance of the two feedback resistors
should be between 15k
Ω and 20kΩ:
15k
Ω < (R1 + R2) < 20kΩ
If larger feedback resistors are desired, a 10pF capacitor should be placed in parallel with resistor R1.
Figure 14. LM2750-ADJ Typical Application Circuit
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2750


Numéro de pièce similaire - LM2750SDX-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2750SDX-ADJ NSC-LM2750SDX-ADJ Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750SDX-ADJ/NOPB TI1-LM2750SDX-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
More results

Description similaire - LM2750SDX-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2750 TI-LM2750_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750 TI1-LM2750 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com