Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF155 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce LF155
Description  LF155/LF156/LF256/LF257/LF355/LF356/LF357 JFET Input Operational Amplifiers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LF155 Fiches technique(HTML) 3 Page - Texas Instruments

  LF155 Datasheet HTML 1Page - Texas Instruments LF155 Datasheet HTML 2Page - Texas Instruments LF155 Datasheet HTML 3Page - Texas Instruments LF155 Datasheet HTML 4Page - Texas Instruments LF155 Datasheet HTML 5Page - Texas Instruments LF155 Datasheet HTML 6Page - Texas Instruments LF155 Datasheet HTML 7Page - Texas Instruments LF155 Datasheet HTML 8Page - Texas Instruments LF155 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LF155, LF156, LF355, LF356, LF357
www.ti.com
SNOSBH0C – MAY 2000 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2)
LF155/6
LF256/7/LF356B
LF355/6/7
Supply Voltage
±22V
±22V
±18V
Differential Input Voltage
±40V
±40V
±30V
Input Voltage Range (3)
±20V
±20V
±16V
Output Short Circuit Duration
Continuous
Continuous
Continuous
TJMAX
LMC Package
150°C
115°C
115°C
P Package
100°C
100°C
D Package
100°C
100°C
Power Dissipation at TA = 25°C
(1) (4)
LMC Package (Still Air)
560 mW
400 mW
400 mW
LMC Package (400 LF/Min Air Flow)
1200 mW
1000 mW
1000 mW
P Package
670 mW
670 mW
D Package
380 mW
380 mW
Thermal Resistance (Typical)
θJA
LMC Package (Still Air)
160°C/W
160°C/W
160°C/W
LMC Package (400 LF/Min Air Flow)
65°C/W
65°C/W
65°C/W
P Package
130°C/W
130°C/W
D Package
195°C/W
195°C/W
(Typical)
θJC
LMC Package
23°C/W
23°C/W
23°C/W
Storage Temperature Range
−65°C to +150°C
−65°C to +150°C
−65°C to +150°C
Soldering Information (Lead Temp.)
TO-99 Package
Soldering (10 sec.)
300°C
300°C
300°C
PDIP Package
Soldering (10 sec.)
260°C
260°C
260°C
SOIC Package
Vapor Phase (60 sec.)
215°C
215°C
Infrared (15 sec.)
220°C
220°C
ESD tolerance
(100 pF discharged through 1.5k
Ω)
1000V
1000V
1000V
(1)
The maximum power dissipation for these devices must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the
ambient temperature, TA. The maximum available power dissipation at any temperature is PD=(TJMAX−TA)/θJA or the 25°C PdMAX,
whichever is less.
(2)
If Military/Aerospace specified devices are required, contact the TI Sales Office/Distributors for availability and specifications.
(3)
Unless otherwise specified the absolute maximum negative input voltage is equal to the negative power supply voltage.
(4)
Max. Power Dissipation is defined by the package characteristics. Operating the part near the Max. Power Dissipation may cause the
part to operate outside specified limits.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LF155 LF156 LF355 LF356 LF357


Numéro de pièce similaire - LF155

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LF155 STMICROELECTRONICS-LF155 Datasheet
250Kb / 14P
   WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIERS
logo
Linear Technology
LF155 LINER-LF155 Datasheet
422Kb / 4P
   JFET-Input Operational Amplifiers Low Supply Current High Speed
logo
National Semiconductor ...
LF155 NSC-LF155 Datasheet
1Mb / 23P
   JFET Input Operational Amplifiers
LF155 NSC-LF155 Datasheet
543Kb / 15P
   Series Monolithic JFET Input Operational Amplifiers
logo
Texas Instruments
LF155 TI-LF155 Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
More results

Description similaire - LF155

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com