Moteur de recherche de fiches techniques de composants électroniques |
|
CD4067BM96G4 Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
CD4067BM96G4 Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 17 page PACKAGE OPTION ADDENDUM www.ti.com 11-Apr-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples CD4067BE ACTIVE PDIP N 24 15 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -55 to 125 CD4067BE CD4067BEE4 ACTIVE PDIP N 24 15 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -55 to 125 CD4067BE CD4067BF ACTIVE CDIP J 24 1 TBD Call TI N / A for Pkg Type -55 to 125 CD4067BF CD4067BF3A ACTIVE CDIP J 24 1 TBD Call TI N / A for Pkg Type -55 to 125 CD4067BF3A CD4067BM ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4067BM CD4067BM96 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4067BM CD4067BM96E4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4067BM CD4067BM96G4 ACTIVE SOIC DW 24 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4067BM CD4067BME4 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4067BM CD4067BMG4 ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4067BM CD4067BPW ACTIVE TSSOP PW 24 60 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CM067B CD4067BPWE4 ACTIVE TSSOP PW 24 60 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CM067B CD4067BPWG4 ACTIVE TSSOP PW 24 60 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CM067B CD4097BE ACTIVE PDIP N 24 15 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -55 to 125 CD4097BE CD4097BEE4 ACTIVE PDIP N 24 15 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -55 to 125 CD4097BE CD4097BF ACTIVE CDIP J 24 1 TBD Call TI N / A for Pkg Type -55 to 125 CD4097BF CD4097BM ACTIVE SOIC DW 24 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4097BM |
Numéro de pièce similaire - CD4067BM96G4 |
|
Description similaire - CD4067BM96G4 |