Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8005AR-REEL Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD8005AR-REEL
Description  270 MHz, 400 mA Current Feedback Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8005AR-REEL Fiches technique(HTML) 2 Page - Analog Devices

  AD8005AR-REEL Datasheet HTML 1Page - Analog Devices AD8005AR-REEL Datasheet HTML 2Page - Analog Devices AD8005AR-REEL Datasheet HTML 3Page - Analog Devices AD8005AR-REEL Datasheet HTML 4Page - Analog Devices AD8005AR-REEL Datasheet HTML 5Page - Analog Devices AD8005AR-REEL Datasheet HTML 6Page - Analog Devices AD8005AR-REEL Datasheet HTML 7Page - Analog Devices AD8005AR-REEL Datasheet HTML 8Page - Analog Devices AD8005AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD8005–SPECIFICATIONS
–2–
REV. A
5 V SUPPLIES
AD8005A
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
RF = 3.01 kΩ for “N” Package or
RF = 2.49 kΩ for “R” Package or
RF = 2.10 kΩ for “RT” Package
–3 dB Small Signal Bandwidth
G = +1, VO = 0.2 V p-p
225
270
MHz
G = +2, VO = 0.2 V p-p
140
170
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 0.2 V p-p
10
30
MHz
Large Signal Bandwidth
G = +10, VO = 4 V p-p, RF = 499 Ω
40
MHz
Slew Rate (Rising Edge)
G = +2, VO = 4 V Step
280
V/
µs
G = –1, VO = 4 V Step, RF = 1.5 kΩ
1500
V/
µs
Settling Time to 0.1%
G = +2, VO = 2 V Step
28
ns
DISTORTION/NOISE PERFORMANCE
RF = 3.01 kΩ for “N” Package or
RF = 2.49 kΩ for “R” Package or
RF = 2.10 kΩ for “RT” Package
Total Harmonic Distortion
fC = 1 MHz, VO = 2 V p-p, G = +2
–63
dBc
fC = 10 MHz, VO = 2 V p-p, G = +2
–50
dBc
Differential Gain
NTSC, G = +2
0.11
%
Differential Phase
NTSC, G = +2
0.4
Degrees
Input Voltage Noise
f = 10 MHz
4.0
nV/
√Hz
Input Current Noise
f = 10 MHz, +IIN
1.1
pA/
√Hz
–IIN
9.1
pA/
√Hz
DC PERFORMANCE
Input Offset Voltage
530
±mV
TMIN to TMAX
50
±mV
Offset Drift
40
µV/°C
+Input Bias Current
0.5
1
±µA
TMIN to TMAX
2
±µA
–Input Bias Current
510
±µA
TMIN to TMAX
12
±µA
Input Bias Current Drift (
±)
6nA/
°C
Open-Loop Transimpedance
400
1000
k
INPUT CHARACTERISTICS
Input Resistance
+Input
90
M
–Input
260
Input Capacitance
+Input
1.6
pF
Input Common-Mode Voltage Range
3.8
±V
Common-Mode Rejection Ratio
VCM = ± 2.5 V
46
54
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Positive
+3.7
+3.90
V
Negative
–3.90
–3.7
V
Output Current
RL = 50 Ω
10
mA
Short Circuit Current
60
mA
POWER SUPPLY
Quiescent Current
400
475
µA
TMIN to TMAX
560
µA
Power Supply Rejection Ratio
VS = ± 4 V to ± 6 V
56
66
dB
OPERATING TEMPERATURE RANGE
–40
+85
°C
Specifications subject to change without notice.
(@ TA = +25 C, VS =
5 V, RL = 1 k
unless otherwise noted)


Numéro de pièce similaire - AD8005AR-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8005AR-REEL AD-AD8005AR-REEL Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005AR-REEL7 AD-AD8005AR-REEL7 Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
More results

Description similaire - AD8005AR-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8005 AD-AD8005 Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005ARZ AD-AD8005ARZ Datasheet
187Kb / 12P
   270 MHz, 400 關A Current Feedback Amplifier
REV. A
AD8005 AD-AD8005_15 Datasheet
376Kb / 16P
   270 MHz, 400A Current Feedback Amplifier
REV. B
AD8011 AD-AD8011 Datasheet
219Kb / 16P
   300 MHz, 1 mA Current Feedback Amplifier
REV. B
logo
National Semiconductor ...
LM6181 NSC-LM6181 Datasheet
1Mb / 23P
   100 mA, 100 MHz Current Feedback Amplifier
logo
Texas Instruments
LM6181IM-8 TI1-LM6181IM-8 Datasheet
2Mb / 40P
[Old version datasheet]   LM6181 100 mA, 100 MHz Current Feedback Amplifier
LM6181IMX-8 TI1-LM6181IMX-8 Datasheet
2Mb / 40P
[Old version datasheet]   LM6181 100 mA, 100 MHz Current Feedback Amplifier
logo
National Semiconductor ...
LM6182 NSC-LM6182 Datasheet
1Mb / 24P
   Dual 100 mA Output, 100 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com