Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8004AR-14 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD8004AR-14
Description  Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8004AR-14 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD8004AR-14 Datasheet HTML 4Page - Analog Devices AD8004AR-14 Datasheet HTML 5Page - Analog Devices AD8004AR-14 Datasheet HTML 6Page - Analog Devices AD8004AR-14 Datasheet HTML 7Page - Analog Devices AD8004AR-14 Datasheet HTML 8Page - Analog Devices AD8004AR-14 Datasheet HTML 9Page - Analog Devices AD8004AR-14 Datasheet HTML 10Page - Analog Devices AD8004AR-14 Datasheet HTML 11Page - Analog Devices AD8004AR-14 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
REV. C
AD8004
–7–
10
100
1k
10k
100k
1M
FREQUENCY – Hz
1000
500
200
100
300
10
1
70
50
40
30
20
+ OR – INPUT
CURRENT NOISE
VOLTAGE NOISE
100
10
TPC 13. Noise vs. Frequency, VS = +5 V or
±5 VS
FREQUENCY – MHz
1
0.1
500
1
10
100
10
100
0.1
0.01
0.03
+5VS
5VS
RBT = 50
5VS OR +5VS
RBT = 0
G = +2
RF = 698
POWER = 0dBm
(224mV rms)
TPC 14. Output Impedance vs. Frequency
FREQUENCY – MHz
–180
0.1
500
110
100
90
0
–240
–360
0.03
60
50
40
30
20
10
0
–10
VIN = –40dBm
VS = 5V
GAIN
PHASE
TPC 15. Open-Loop Voltage Gain and Phase
FREQUENCY – Hz
0
–50
10k
500M
100k
1M
10M
–40
–30
–20
–10
–60
–70
–80
100M
+PSRR
–PSRR
G = +2
5VS OR 2.5VS
RF = 1k
100mV rms ON TOP
OF dc BIAS
TPC 16. PSRR vs. Frequency
FREQUENCY – MHz
–20
–70
–120
0.1
500
110
100
–60
–50
–40
–30
–80
–90
–100
–110
0.03
OUTPUT =
SIDE 2
OUTPUT =
SIDE 4
OUTPUT =
SIDE 3
G = +2
RF = 1.10k
5VS
VIN = 200mV rms
INPUT TO SIDE 1
RL1 = 1k
R PACKAGE
TPC 17. Crosstalk (Output to Output) vs. Frequency
FREQUENCY – Hz
110
60
10
1M
1G
10M
100M
70
80
90
100
50
40
30
20
100k
PHASE
GAIN
0
–50
–100
–150
–200
TPC 18. Open-Loop Transimpedance Gain


Numéro de pièce similaire - AD8004AR-14

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8004AR-14 AD-AD8004AR-14 Datasheet
271Kb / 16P
   Quad 3000 V/us, 35 mW Current Feedback Amplifier
REV. B
AD8004AR-14 AD-AD8004AR-14 Datasheet
501Kb / 16P
   Quad 3000 V/?? 35 mW Current Feedback Amplifier
REV. C
AD8004AR-14 AD-AD8004AR-14 Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004AR-14-REEL AD-AD8004AR-14-REEL Datasheet
271Kb / 16P
   Quad 3000 V/us, 35 mW Current Feedback Amplifier
REV. B
AD8004AR-14-REEL AD-AD8004AR-14-REEL Datasheet
501Kb / 16P
   Quad 3000 V/?? 35 mW Current Feedback Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com