Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7399BRU Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD7399BRU
Description  Quad, Serial-Input 12-Bit/10-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7399BRU Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD7399BRU Datasheet HTML 7Page - Analog Devices AD7399BRU Datasheet HTML 8Page - Analog Devices AD7399BRU Datasheet HTML 9Page - Analog Devices AD7399BRU Datasheet HTML 10Page - Analog Devices AD7399BRU Datasheet HTML 11Page - Analog Devices AD7399BRU Datasheet HTML 12Page - Analog Devices AD7399BRU Datasheet HTML 13Page - Analog Devices AD7399BRU Datasheet HTML 14Page - Analog Devices AD7399BRU Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD7398/AD7399
Rev. C | Page 11 of 24
1.00
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
–5
–4
–3
–2
–1
0
1
2
3
4
5
REFERENCE VOLTAGE (V)
INL
DNL
FSE
AD7398
TA = 25°C
VDD = +5V
VSS = –5V
Figure 10. AD7398 INL, DNL, FSE vs. Reference Voltage
100
90
80
70
60
50
40
30
20
10
0
0
4096
3584
3072
2560
2048
1536
1024
512
CODE (Decimal)
AD7398
VDD = +5V
VSS = –5V
VREF = +2.5V
TA = 25°C
Figure 11. AD7398 Reference Input Current vs. Code
1000
100
10
0
4096
3584
3072
2560
2048
1536
1024
512
CODE (Decimal)
AD7398
VDD = +5V
VSS = –5V
TA = 25°C
Figure 12. AD7398 Reference Input Resistance vs. Code
10
–10
–8
–6
–4
–2
0
2
4
6
8
–20
20
15
10
5
0
–5
–15
–15
SOURCE OR SINK CURRENT FROM VOUT (mA)
AD7398/AD7399
TA = 25°C
SINKING CURRENT INTO VOUT
VDD = +3V, VSS = 0V
VDD = +5V, VSS = –5V
VDD = +5V, VSS = 0V
SOURCING CURRENT FROM VOUT
VDD = +5V, VSS = –5V
VDD = +5V, VSS = 0V
VDD = +3V, VSS = 0V
Figure 13. ΔVOUT vs. Load Current
25
20
15
10
5
0
0.4
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
FULL-SCALE ERROR TEMPCO (ppm/°C)
AD7398
SAMPLE SIZE = 125
–40°C TO +125°C
Figure 14. AD7398 Full-Scale Error Tempco
TIME (2µs/DIV)
VOUT (0.2V/DIV)
CS (5V/DIV)
100
90
10
0%
Figure 15. AD7398 Midscale Glitch


Numéro de pièce similaire - AD7399BRU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7399BRU-REEL7 AD-AD7399BRU-REEL7 Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
More results

Description similaire - AD7399BRU

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7398 AD-AD7398_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399 AD-AD7399_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7398 AD-AD7398 Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
AD7391 AD-AD7391 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7394 AD-AD7394 Datasheet
304Kb / 12P
   3 V, Dual, Serial Input 12-/10-Bit DACs
REV. 0
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com