Moteur de recherche de fiches techniques de composants électroniques |
|
AD7898AR-10REEL Fiches technique(PDF) 10 Page - Analog Devices |
|
AD7898AR-10REEL Fiches technique(HTML) 10 Page - Analog Devices |
10 / 16 page AD7898 –10– REV. A TYPICAL CONNECTION DIAGRAM Figure 5 shows a typical connection diagram for the AD7898. The GND pin is connected to the analog ground plane of the system. REF IN is connected to a decoupled 2.5 V supply from a reference source, the AD780. This provides the analog refer- ence for the part. The AD7898 is connected to a VDD of 5 V, the serial interface is connected to a 3 V microprocessor. The VDRIVE pin of the AD7898 is connected to the same 3 V supply as the microprocessor to allow a 3 V logic interface. The conver- sion result from the AD7898 is output in a 16-bit word with four leading zeros followed by the MSB of the 12-bit result. For applications where power consumption is of concern, the power- down mode should be used between conversions or bursts of several conversions to improve power performance. See Modes of Operation section. VDD VIN GND 10 F 2.5V OR 10V INPUT 0.1 F REF IN 2.5V AD780 5V SUPPLY SERIAL INTERFACE 3V SUPPLY AD7898 SDATA SCLK CS/CONVST VDRIVE C/ P 0.1 F 10 F 0.1 F Figure 5. Typical Connection Diagram VDRIVE Feature The AD7898 has the VDRIVE feature. VDRIVE controls the voltage at which the Serial Interface operates. VDRIVE allows the ADC to easily interface to both 3 V and 5 V processors. For example, if the AD7898 were operated with a VDD of 5 V, and the VDRIVE pin could be powered from a 3 V supply. The AD7898 has good dynamic performance with a VDD of 5 V while still being able to interface to 3 V digital parts. Care should be taken to ensure VDRIVE does not exceed VDD by more than 0.3 V (see Absolute Maximum Ratings section). Track/Hold Section The track/hold amplifier on the analog input of the AD7898 allows the ADC to accurately convert an input sine wave of full- scale amplitude to 12-bit accuracy. The input bandwidth of the track/hold is greater than the Nyquist rate of the ADC even when the ADC is operated at its maximum throughput rate of 220 kSPS (i.e., the track/hold can handle input frequencies in excess of 112 kHz). The track/hold amplifier acquires an input signal to 12-bit accuracy in less than 0.5 µs. The operation of the track/hold is essentially transparent to the user. When in operating Mode 0, the track/hold amplifier goes from its tracking mode to its hold mode at the start of conversion (i.e., the falling edge of CONVST). The aperture time for the track/hold (i.e., the delay time between the external CONVST signal and the track/hold actually going into hold) is typically 15 ns. At the end of conversion (after 3.3 µs max), the part returns to its tracking mode. The acquisition time of the track/ hold amplifier begins at this point. When in operating in Mode 1, the falling edge of CS will put track-and-hold into hold mode. On the 14th SCLK falling edge after the falling edge of CS, the track-and-hold will go back into track (see Serial Interface section). The acquisition time of the track/hold amplifier begins at this point. Reference Input The reference input to the AD7898 is buffered on-chip with a maximum reference input current of 1 µA. The part is specified with a 2.5 V reference input voltage. Errors in the reference source will result in gain errors in the AD7898’s transfer func- tion and will add to the specified full-scale errors on the part. Suitable reference sources for the AD7898 include the AD780 and AD680 precision 2.5 V references. SERIAL INTERFACE The serial interface to the AD7898 consists of just three wires: a serial clock input (SCLK), the serial data output (SDATA) and a CS/CONVST input depending on the mode of operation. This allows for an easy-to-use interface to most microcontrol- lers, DSP processors and shift registers. There is also a VDRIVE pin that allows the serial interface to connect directly to either 3 V or 5 V processor systems independent of VDD. The serial interface operation is different in Mode 0 and Mode 1 operation and is determined by which mode is selected. Upon power-up, the default mode of operation is Mode 0. To select Mode 1 operation see the Mode Selection section. The serial interface operation in Mode 0 and Mode 1 is described in detail in the Operating Modes section. OPERATING MODES Mode 0 Operation The timing diagram in Figure 6 shows the AD7898 operating in Mode 0 where the falling edge of CONVST starts conversion and puts the track/hold amplifier into its hold mode. The con- version is complete 3.3 µs max after the falling edge of CONVST, and new data from this conversion is available in the output register of the AD7898. A read operation accesses this data. This read operation consists of 16 clock cycles and the length of this read operation will depend on the serial clock frequency. For the fastest throughput rate (with a serial clock of 15 MHz, 5V operation) the read operation will take 1.066 µs. Once the read operation has taken place, the required quiet time should be allowed before the next falling edge of CONVST to optimize the settling of the track/hold amplifier before the next conver- sion is initiated. A serial clock of less than 15 MHz can be used, but this will, in turn, mean that the throughput time will increase. The read operation consists of 16 serial clock pulses to the out- put shift register of the AD7898. After 16 serial clock pulses, the shift register is reset, and the SDATA line is three-stated. If there are more serial clock pulses after the 16th clock, the shift register will be moved on past its reset state. However, the shift register will be reset again on the falling edge of the CONVST signal to ensure that the part returns to a known state after every conversion cycle. As a result, a read operation from the output register should not straddle the falling edge of CONVST as the output shift register will be reset in the middle of the read operation, and the data read back into the microprocessor will appear invalid. |
Numéro de pièce similaire - AD7898AR-10REEL |
|
Description similaire - AD7898AR-10REEL |