Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7805BRS Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD7805BRS
Description  3.3 V to 5 V Quad/Octal 10-Bit DACs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7805BRS Fiches technique(HTML) 2 Page - Analog Devices

  AD7805BRS Datasheet HTML 1Page - Analog Devices AD7805BRS Datasheet HTML 2Page - Analog Devices AD7805BRS Datasheet HTML 3Page - Analog Devices AD7805BRS Datasheet HTML 4Page - Analog Devices AD7805BRS Datasheet HTML 5Page - Analog Devices AD7805BRS Datasheet HTML 6Page - Analog Devices AD7805BRS Datasheet HTML 7Page - Analog Devices AD7805BRS Datasheet HTML 8Page - Analog Devices AD7805BRS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AD7804/AD7805/AD7808/AD7809
REV. A
–2–
Parameter
B Grade1
C Grade1
Units
Comments
STATIC PERFORMANCE
MAIN DAC
Resolution
10
10
Bits
Relative Accuracy
±3
±3
LSB max
Gain Error
±3
±3
% FSR max
Bias Offset Error
2
–80/+40
–80/+40
mV max
DAC Code = 0.5 Full Scale
Zero-Scale Error
3
mV max
DAC Code = 000H for Offset Binary
Monotonicity
9
10
Bits
and 200H for Twos Complement Coding
Minimum Load Resistance
2
2
k
Ω min
SUB DAC
Resolution
8
8
Bits
Differential Nonlinearity
±0.125
±0.125
LSB typ
Refers to an LSB of the Main DAC
±0.5
±0.5
LSB max
OUTPUT CHARACTERISTICS
Output Voltage Range3
VBIAS ± 15/16 × VBIAS
VBIAS ± 15/16 × VBIAS
V
Twos Complement Coding
VBIAS/16 to 31/16 × VBIAS
VBIAS/16 to 31/16 × VBIAS
V
Offset Binary Coding
Voltage Output Settling Time to 10 Bits
4
4
µs max
Typically 1.5
µs
Slew Rate
2.5
2.5
V/
µs typ
Digital-to-Analog Glitch Impulse
1
1
nV-s typ
1 LSB Change Around the Major Carry
Digital Feedthrough
0.5
0.5
nV-s typ
Digital Crosstalk
0.5
0.5
nV-s typ
Analog Crosstalk
±0.2
±0.2
LSB typ
DC Output Impedance
2
2
Ω typ
Power Supply Rejection Ratio
0.002
0.002
%/% typ
∆V
DD ± 10%
DAC REFERENCE INPUTS
REF IN Range
1.0 to VDD/2
1.0 to VDD/2
V min to V max
REF IN Input Leakage
±1
±1
µA max
Typically
±1 nA
DIGITAL INPUTS
Input High Voltage, VIH @ VDD = 5 V
2.4
2.4
V min
Input High Voltage, VIH @ VDD = 3.3 V
2.1
2.1
V min
Input Low Voltage, VIL @ VDD = 5 V
0.8
0.8
V max
Input Low Voltage, VIL @ VDD = 3.3 V
0.6
0.6
V max
Input Leakage Current
±10
µA max
Input Capacitance
10
10
pF max
Input Coding
Twos Comp/Binary
Twos Comp/Binary
REFERENCE OUTPUT
REF OUT Output Voltage
1.23
1.23
V nom
REF OUT Error
±8
±8
% max
REF OUT Temperature Coefficient
–100
–100
ppm/
°C typ
REF OUT Output Impedance
5
5
k
Ω nom
POWER REQUIREMENTS
VDD (AVDD and DVDD)
3/5.5
3/5.5
V min to V max
IDD (AIDD Plus DIDD)
Excluding Load Currents
Normal Mode
12
12
mA max
VIH = VDD, VIL = DGND
System Standby (SSTBY) Mode
250
250
µAV
IH = VDD, VIL = DGND
Power-Down (
PD) Mode
@ +25
°C
0.8
0.8
µA max
VIH = VDD, VIL = DGND
TMIN–TMAX
1.5
1.5
µA max
Power Dissipation
Excluding Power Dissipated in Load
Normal Mode
66
66
mW max
System Standby (SSTBY) Mode
1.38
1.38
mW max
Power-Down (
PD) Mode
@ +25
°C
4.4
4.4
µW max
TMIN–TMAX
8.25
8.25
µW max
NOTES
1Temperature range is – 40
°C to +85°C.
2Can be minimized using the Sub DAC.
3V
BIAS is the center of the output voltage swing and can be VDD/2, Internal Reference or REFIN as determined by MX1 and MX0 in the channel control register.
Specifications subject to change without notice.
(AVDD and DVDD = 3.3 V
10% to 5 V
10%; AGND = DGND = 0 V;
Reference = Internal Reference; CL = 100 pF; RL = 2 k
to GND. Sub DAC at Midscale. All specifications TMIN to TMAX unless otherwise noted.)
AD7804/AD7805–SPECIFICATIONS
–VBIAS
16
/
+40
–VBIAS
16
/
+40


Numéro de pièce similaire - AD7805BRS

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7805BRS AD-AD7805BRS Datasheet
300Kb / 28P
   3.3 V to 5 V Quad/Octal 10-Bit DACs
REV. A
AD7805BRS AD-AD7805BRS Datasheet
257Kb / 28P
   3.3 V to 5 V Quad/Octal 10-Bit DACs
REV. A
More results

Description similaire - AD7805BRS

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7804 AD-AD7804 Datasheet
300Kb / 28P
   3.3 V to 5 V Quad/Octal 10-Bit DACs
REV. A
AD7804 AD-AD7804_15 Datasheet
257Kb / 28P
   3.3 V to 5 V Quad/Octal 10-Bit DACs
REV. A
AD7804BRZ AD-AD7804BRZ Datasheet
257Kb / 28P
   3.3 V to 5 V Quad/Octal 10-Bit DACs
REV. A
AD7805 AD-AD7805_15 Datasheet
257Kb / 28P
   3.3 V to 5 V Quad/Octal 10-Bit DACs
REV. A
AD7808 AD-AD7808_15 Datasheet
257Kb / 28P
   3.3 V to 5 V Quad/Octal 10-Bit DACs
REV. A
AD7809 AD-AD7809_15 Datasheet
257Kb / 28P
   3.3 V to 5 V Quad/Octal 10-Bit DACs
REV. A
AD7945BRZ AD-AD7945BRZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BNZ AD-AD7943BNZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com