Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUF602 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce BUF602
Description  High-Speed, Closed-Loop Buffer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

BUF602 Fiches technique(HTML) 4 Page - Texas Instruments

  BUF602 Datasheet HTML 1Page - Texas Instruments BUF602 Datasheet HTML 2Page - Texas Instruments BUF602 Datasheet HTML 3Page - Texas Instruments BUF602 Datasheet HTML 4Page - Texas Instruments BUF602 Datasheet HTML 5Page - Texas Instruments BUF602 Datasheet HTML 6Page - Texas Instruments BUF602 Datasheet HTML 7Page - Texas Instruments BUF602 Datasheet HTML 8Page - Texas Instruments BUF602 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ELECTRICAL CHARACTERISTICS: VS = +5V
BUF602
SBOS339B – OCTOBER 2005 – REVISED MAY 2008 ...................................................................................................................................................... www.ti.com
Boldface limits are tested at +25
°C.
At RL = 100Ω to VS/2, unless otherwise noted.
BUF602ID, IDBV
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
70
°C(3)
+85
°C(3)
UNITS
MAX
TEST LEVEL
(1)
AC PERFORMANCE
(See figure 31)
Bandwidth
VO = 500mVPP
780
400
400
390
MHz
min
B
VO = 1VPP
700
MHz
typ
C
Full-Power Bandwidth
VO = 3VPP
420
MHz
typ
C
Bandwidth for 0.1dB Flatness
VO = 500mVPP
130
MHz
typ
C
Slew Rate
VO = 3V Step
2500
1800
1600
1400
V/
µs
min
B
Rise Time and Fall Time
VO = 0.2V Step
450
875
875
900
ps
max
B
Settling Time to 0.05%
VO = 1V Step
6
ns
typ
C
Harmonic Distortion
VO = 2VPP, 5MHz
2nd-Harmonic
RL = 100Ω
–50
–45
–44
–43
dBc
max
B
RL = 500Ω
–73
–62
–61
–60
dBc
max
B
3rd-Harmonic
RL = 100Ω
–70
–64
–64
–63
dBc
max
B
RL = 500Ω
–73
–72
–72
–71
dBc
max
B
Input Voltage Noise
f > 100kHz
4.9
5.2
5.7
6.1
nV/
√Hz
max
B
Input Current Noise
f > 100kHz
2.2
2.7
2.8
2.9
pA/
√Hz
max
B
Differential Gain
NTSC, RL = 100Ω to VS/2
0.16
%
typ
C
Differential Phase
NTSC, RL = 100Ω to VS/2
0.05
°
typ
C
BUFFER DC PERFORMANCE
(4)
Maximum Gain
RL = 500Ω
0.99
1
1
1
V/V
max
A
Minimum Gain
RL = 500Ω
0.99
0.98
0.98
0.98
V/V
min
A
Input Offset Voltage
±16
±30
±36
±38
mV
max
A
Average Input Offset Voltage Drift
±125
±125
µV/°C
max
B
Input Bias Current
±3
±7
±8
±8.5
µA
max
A
Average Input Bias Current Drift
±20
±20
nA/
°C
max
B
BUFFER INPUT
Input Impedance
1.0 || 2.1
M
Ω || pF
typ
C
BUFFER OUTPUT
Most Positive Output Voltage
RL = 100Ω
+3.9
+3.7
+3.7
+3.7
V
min
B
RL = 500Ω
+4.1
+3.8
+3.8
+3.8
V
min
A
Least Positive Output Voltage
RL = 100Ω
+1.1
+1.3
+1.3
+1.3
V
max
B
RL = 500Ω
+0.9
+1.2
+1.2
+1.2
V
max
A
Output Current (Continuous)
VO = 0V
±60
±50
±49
±48
mA
min
A
Peak Output Current
VO = 0V
±160
mA
typ
C
Closed-Loop Output Impedance
f
≤ 10MHz
1.4
typ
C
MID-POINT REFERENCE OUTPUT
Maximum Mid-Supply Reference Voltage
2.5
2.6
2.6
2.6
V
max
A
Minimum Mid-Supply Reference Voltage
2.5
2.4
2.4
2.4
V
min
A
Mid-Supply Output Current, Sourcing
800
µA
typ
C
Mid-Supply Output Current, Sinking
70
µA
typ
C
Mid-Supply Output Impedance
200
typ
C
(1)
Test levels: (A) 100% tested at +25
°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for +25
°C specifications.
(3)
Junction temperature = ambient at low temperature limit; junction temperature = ambient +4
°C at high temperature limit for over
temperature specifications.
(4)
Current is considered positive out of node.
4
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): BUF602


Numéro de pièce similaire - BUF602

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602ID TI-BUF602ID Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVR TI-BUF602IDBVR Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDBVT TI-BUF602IDBVT Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
BUF602IDR TI-BUF602IDR Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
More results

Description similaire - BUF602

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
LMH6559 TI1-LMH6559 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
National Semiconductor ...
LMH6559 NSC-LMH6559_06 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
logo
Texas Instruments
BUF602 TI-BUF602 Datasheet
483Kb / 22P
[Old version datasheet]   High-Speed, Closed-Loop Buffer
logo
Analog Devices
BUF04 AD-BUF04 Datasheet
437Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
BUF04 AD-BUF04_15 Datasheet
365Kb / 16P
   Closed-Loop High Speed Buffer
REV. 0
logo
National Semiconductor ...
LMH6560 NSC-LMH6560_04 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
LMH6560 NSC-LMH6560 Datasheet
1Mb / 23P
   Quad, High-Speed, Closed-Loop Buffer
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412 Datasheet
23Kb / 4P
   Quad, High Speed, Low Power, Video Closed Loop Buffer
June 1994
HFA1212883 INTERSIL-HFA1212883 Datasheet
36Kb / 5P
   Dual, High Speed, Low Power, Video Closed Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com