Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7895ARZ-10REEL Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD7895ARZ-10REEL
Description  5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7895ARZ-10REEL Fiches technique(HTML) 2 Page - Analog Devices

  AD7895ARZ-10REEL Datasheet HTML 1Page - Analog Devices AD7895ARZ-10REEL Datasheet HTML 2Page - Analog Devices AD7895ARZ-10REEL Datasheet HTML 3Page - Analog Devices AD7895ARZ-10REEL Datasheet HTML 4Page - Analog Devices AD7895ARZ-10REEL Datasheet HTML 5Page - Analog Devices AD7895ARZ-10REEL Datasheet HTML 6Page - Analog Devices AD7895ARZ-10REEL Datasheet HTML 7Page - Analog Devices AD7895ARZ-10REEL Datasheet HTML 8Page - Analog Devices AD7895ARZ-10REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. 0
AD7895–SPECIFICATIONS
Parameter
A Versionsl
B Versions
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
2
Signal to (Noise + Distortion) Ratio
3
@ +25
°C
70
70
dB min
fIN = 50 kHz Sine Wave, fSAMPLE = 200 kHz
TMIN to TMAX
70
70
dB min
Total Harmonic Distortion (THD)
3
–78
–78
dB max
fIN = 50 kHz Sine Wave, fSAMPLE = 200 kHz,
Typically –87 dB
Peak Harmonic or Spurious Noise
3
–89
–89
dB typ
fIN = 50 kHz Sine Wave, fSAMPLE = 200 kHz
Intermodulation Distortion (IMD)
3
fa = 9 kHz, fb = 9.5 kHz, fSAMPLE = 200 kHz
2nd Order Terms
–87
–87
dB typ
3rd Order Terms
–87
–87
dB typ
DC ACCURACY
Resolution
12
12
Bits
Minimum Resolution for which
No Missing Codes are Guaranteed
12
12
Bits
Relative Accuracy
3
±1
±1
LSB max
Typically 0.4 LSB
Differential Nonlinearity
3
±1
±1
LSB max
Positive Full-Scale Error
3
±3
±2
LSB max
AD7895-2
Unipolar Offset Error
±3
±2
LSB max
AD7895-10, AD7895-3 Only
Negative Full-Scale Error
3
±3
±2
LSB max
Bipolar Zero Error
±4
±3
LSB max
ANALOG INPUT
AD7895-10
Input Voltage Range
±10
±10
Volts
Input Resistance
24
24
k
Ω min
AD7895-3
Input Voltage Range
±2.5
±2.5
Volts
Input Resistance
9
9
k
Ω min
AD7895-2
Input Voltage Range
0 to +2.5
0 to +2.5
Volts
Input Current
500
500
nA max
REFERENCE INPUT
REF IN Input Voltage Range
2.375/2.625
2.375/2.625
V min/V max
2.5 V
± 5%
Input Current
1
1
µA max
Input Capacitance
3
10
10
pF max
LOGIC INPUTS
Input High Voltage, VINH
2.4
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±10
±10
µA max
VIN = 0 V to VDD
Input Capacitance, CIN
4
10
10
pF ax
LOGIC OUTPUTS
Output High Voltage, VOH
4.0
4.0
V min
ISOURCE = 200 µA
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 1.6 mA
Output Coding
AD7895-10, AD7895-3
2s Complement
AD7895-2
Straight (Natural) Binary
CONVERSION RATE
Conversion Time
Mode 1 Operation
3.8
3.8
µs max
Mode 2 Operation
5
9.8
9.8
µs max
Track/Hold Acquisition Time3
0.5
0.5
µs max
POWER REQUIREMENTS
VDD
+5
+5
V nom
±5% for Specified Performance
IDD
4
4
mA max
Digital Inputs @ VDD, VDD = 5 V ± 5%
Power Dissipation
20
20
mW max
Typically 16 mW
Power-Down Mode
IDD @ +25°C5
5
µA max
Digital Inputs @ GND, VDD = 5 V ± 5%
TMIN to TMAX
10
10
µA max
Digital Inputs @ GND, VDD = 5 V ± 5%
Power Dissipation @ +25
°C25
25
µW max
NOTES
1Temperature ranges are as follows: A, B Versions: –40
°C to +85°C.
2Applies to Mode 1 operation. See section on “Operating Modes.”
3See Terminology.
4Sample tested @ +25
°C to ensure compliance.
5This 9.8
µs includes the “wake-up” time from standby. This “wake-up” time is timed from the rising edge of CONVST, whereas conversion is timed from the falling edge of CONVST, for
narrow CONVST pulse width the conversion time is effectively the “wake-up” time plus conversion time hence 9.8
µs. This can be seen from Figure 3. Note that if the CONVST pulse width
is greater than 6
µs then the effective conversion time will increase beyond 9.8 µs.
Specifications subject to change without notice.
(VDD = +5 V, GND = 0 V, REF IN = +2.5 V.
All specifications TMIN to TMAX unless otherwise noted)


Numéro de pièce similaire - AD7895ARZ-10REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7895ARZ-2 AD-AD7895ARZ-2 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
More results

Description similaire - AD7895ARZ-10REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7895 AD-AD7895 Datasheet
314Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895ARZ-2 AD-AD7895ARZ-2 Datasheet
263Kb / 12P
   5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
   5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
AD7893ARZ-5 AD-AD7893ARZ-5 Datasheet
343Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
   5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7893ARZ-3 AD-AD7893ARZ-3 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ANZ-10 AD-AD7893ANZ-10 Datasheet
272Kb / 12P
   LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7894ARZ-3 AD-AD7894ARZ-3 Datasheet
118Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894BRZ-3 AD-AD7894BRZ-3 Datasheet
135Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
AD7894BRZ-10 AD-AD7894BRZ-10 Datasheet
135Kb / 12P
   5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com