Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7804BR Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7804BR
Description  3.3 V to 5 V Quad/Octal 10-Bit DACs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7804BR Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD7804BR Datasheet HTML 3Page - Analog Devices AD7804BR Datasheet HTML 4Page - Analog Devices AD7804BR Datasheet HTML 5Page - Analog Devices AD7804BR Datasheet HTML 6Page - Analog Devices AD7804BR Datasheet HTML 7Page - Analog Devices AD7804BR Datasheet HTML 8Page - Analog Devices AD7804BR Datasheet HTML 9Page - Analog Devices AD7804BR Datasheet HTML 10Page - Analog Devices AD7804BR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD7804/AD7805/AD7808/AD7809
–7–
REV. A
AD7804/AD7808 PIN FUNCTION DESCRIPTION
AD7804
AD7808
Pin No.
Pin No.
Mnemonic
Description
1
1, 6
AGND
Ground reference point for analog circuitry.
2, 3
2, 3
VOUTB, VOUTA
Analog output voltage from the DACs.
4
4
REFOUT
Reference Output. This is a bandgap reference and is typically 1.23 V.
5
PD
Active low input used to put the part into low power mode reducing current consumption
to 1
µA.
7, 8
VOUTF, VOUTE
Analog output voltages from the DACs.
59
FSIN
Level-triggered control input (active low). This is the frame synchronization signal for the
input data. When
FSIN goes low, it enables the input shift register and data is transferred
on the falling edges of CLKIN.
610
LDAC
LDAC Input. When this digital input is taken low, all DAC registers are simultaneously
updated with the contents of the data registers. If
LDAC is tied permanently low, or is
low on the sixteenth falling clock edge with timing similar to that of SDIN, an automatic
update will take place.
7
11
SDIN
Serial Data Input. These devices accept a 16-bit word. Data is clocked into the input shift
register on the falling edge of CLKIN.
8
12
DGND
Ground reference point for digital circuitry.
913
DVDD
Digital Power Supply.
10
14
CLKIN
Clock Input. Data is clocked into the input shift register on the falling edges of CLKIN.
Duty Cycle should be between 40% and 60%.
11
15
CLR
Asynchronous
CLR Input. When this input is taken low, all Main DAC outputs are
cleared either to VBIAS or to VBIAS/16 volts. All Sub DACs are also cleared and thus the
transfer function of the Main DAC will remain centered around the VBIAS point.
16
NC
No Connect. This pin should be left open circuit.
17, 18
VOUTH, VOUTG
Analog output voltages from the DACs.
12
20
REFIN
This is an external reference input for the DACs. When this reference is selected for a
DAC in the control register, the analog output from the selected DAC swings around this
point.
13
21
COMP
Compensation Pin. This pin provides an output from the internal VDD/2 divider and is
provided for ac bypass purposes only. This pin should be decoupled with 1 nF capacitors
to both AVDD and AGND. This pin can be overdriven with an external reference, thus
giving the facility for two external references on the part.
14, 15
22, 23
VOUTD, VOUTC
Analog output voltage from the DACs.
16
19, 24
AVDD
Analog Power Supply. +3.3 V to +5 V.
AD7804 PIN CONFIGURATION
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AGND
VOUTB
VOUTA
REFOUT
FSIN
LDAC
SDIN
DGND
AVDD
VOUTC
VOUTD
COMP
REFIN
CLR
CLKIN
DVDD
AD7804
AD7808 PIN CONFIGURATION
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD7808
NC = NO CONNECT
DGND
SDIN
LDAC
FSIN
VOUTE
AGND
VOUTB
VOUTA
REFOUT
VOUTF
AGND
PD
DVDD
CLKIN
CLR
NC
VOUTH
AVDD
VOUTC
VOUTD
COMP
VOUTG
AVDD
REFIN


Numéro de pièce similaire - AD7804BR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7804BR AD-AD7804BR Datasheet
300Kb / 28P
   3.3 V to 5 V Quad/Octal 10-Bit DACs
REV. A
AD7804BR AD-AD7804BR Datasheet
257Kb / 28P
   3.3 V to 5 V Quad/Octal 10-Bit DACs
REV. A
AD7804BRZ AD-AD7804BRZ Datasheet
257Kb / 28P
   3.3 V to 5 V Quad/Octal 10-Bit DACs
REV. A
More results

Description similaire - AD7804BR

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7804 AD-AD7804 Datasheet
300Kb / 28P
   3.3 V to 5 V Quad/Octal 10-Bit DACs
REV. A
AD7804 AD-AD7804_15 Datasheet
257Kb / 28P
   3.3 V to 5 V Quad/Octal 10-Bit DACs
REV. A
AD7804BRZ AD-AD7804BRZ Datasheet
257Kb / 28P
   3.3 V to 5 V Quad/Octal 10-Bit DACs
REV. A
AD7805 AD-AD7805_15 Datasheet
257Kb / 28P
   3.3 V to 5 V Quad/Octal 10-Bit DACs
REV. A
AD7808 AD-AD7808_15 Datasheet
257Kb / 28P
   3.3 V to 5 V Quad/Octal 10-Bit DACs
REV. A
AD7809 AD-AD7809_15 Datasheet
257Kb / 28P
   3.3 V to 5 V Quad/Octal 10-Bit DACs
REV. A
AD7945BRZ AD-AD7945BRZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRZ AD-AD7945BRZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BNZ AD-AD7943BNZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com