Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2595S-ADJ Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2595S-ADJ
Description  LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2595S-ADJ Fiches technique(HTML) 3 Page - Texas Instruments

  LM2595S-ADJ Datasheet HTML 1Page - Texas Instruments LM2595S-ADJ Datasheet HTML 2Page - Texas Instruments LM2595S-ADJ Datasheet HTML 3Page - Texas Instruments LM2595S-ADJ Datasheet HTML 4Page - Texas Instruments LM2595S-ADJ Datasheet HTML 5Page - Texas Instruments LM2595S-ADJ Datasheet HTML 6Page - Texas Instruments LM2595S-ADJ Datasheet HTML 7Page - Texas Instruments LM2595S-ADJ Datasheet HTML 8Page - Texas Instruments LM2595S-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
LM2595
www.ti.com
SNVS122B – MAY 1999 – REVISED APRIL 2013
LM2595-3.3 Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range.
Symbol
Parameter
Conditions
LM2595-3.3
Units
(Limits)
Typ
Limit
(1)
(2)
SYSTEM PARAMETERS (3) Test Circuit Figure 21
VOUT
Output Voltage
4.75V
≤ VIN ≤ 40V, 0.1A ≤ ILOAD ≤ 1A
3.3
V
3.168/3.135
V(min)
3.432/3.465
V(max)
η
Efficiency
VIN = 12V, ILOAD = 1A
78
%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator system performance. When the LM2595 is used as shown in the Figure 21 test circuit, system performance will be
as shown in system parameters of Electrical Characteristics section.
LM2595-5.0 Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range.
Symbol
Parameter
Conditions
LM2595-5.0
Units
(Limits)
Typ
Limit
(1)
(2)
SYSTEM PARAMETERS (3) Test Circuit Figure 21
VOUT
Output Voltage
7V
≤ VIN ≤ 40V, 0.1A ≤ ILOAD ≤ 1A
5.0
V
4.800/4.750
V(min)
5.200/5.250
V(max)
η
Efficiency
VIN = 12V, ILOAD = 1A
82
%
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator system performance. When the LM2595 is used as shown in the Figure 21 test circuit, system performance will be
as shown in system parameters of Electrical Characteristics section.
LM2595-12 Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range.
Symbol
Parameter
Conditions
LM2595-12
Units
(Limits)
Typ
Limit
(1)
(2)
SYSTEM PARAMETERS (3) Test Circuit Figure 21
VOUT
Output Voltage
15V
≤ VIN ≤ 40V, 0.1A ≤ ILOAD ≤ 1A
12.0
V
11.52/11.40
V(min)
12.48/12.60
V(max)
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits specified at room temperature (standard type face) and at temperature extremes (bold type face). All room temperature limits
are 100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
External components such as the catch diode, inductor, input and output capacitors, and voltage programming resistors can affect
switching regulator system performance. When the LM2595 is used as shown in the Figure 21 test circuit, system performance will be
as shown in system parameters of Electrical Characteristics section.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2595


Numéro de pièce similaire - LM2595S-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2595S-ADJ NSC-LM2595S-ADJ Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2595S-ADJ TI1-LM2595S-ADJ Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595S-ADJ TI1-LM2595S-ADJ Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2595S-ADJ UMW-LM2595S-ADJ Datasheet
986Kb / 11P
   2A 150KHZ DC switching voltagestabilizing circuit
logo
Texas Instruments
LM2595S-ADJ/NOPB TI1-LM2595S-ADJ/NOPB Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results

Description similaire - LM2595S-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2595SX-3.3 TI1-LM2595SX-3.3 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2591HV TI-LM2591HV_15 Datasheet
3Mb / 28P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com