Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC081C021CIMMX Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce ADC081C021CIMMX
Description  ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

ADC081C021CIMMX Fiches technique(HTML) 4 Page - Texas Instruments

  ADC081C021CIMMX Datasheet HTML 1Page - Texas Instruments ADC081C021CIMMX Datasheet HTML 2Page - Texas Instruments ADC081C021CIMMX Datasheet HTML 3Page - Texas Instruments ADC081C021CIMMX Datasheet HTML 4Page - Texas Instruments ADC081C021CIMMX Datasheet HTML 5Page - Texas Instruments ADC081C021CIMMX Datasheet HTML 6Page - Texas Instruments ADC081C021CIMMX Datasheet HTML 7Page - Texas Instruments ADC081C021CIMMX Datasheet HTML 8Page - Texas Instruments ADC081C021CIMMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Snap
Back
GND
D1
PIN
V+
2.1k
41.5k
41.5k
Snap
Back
GND
D1
PIN
ADC081C021, ADC081C027
SNAS447C – FEBRUARY 2008 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS (continued)
Symbol
Type
Equivalent Circuit
Description
Alert output. Can be configured as active high or active low.
ALERT
Digital Output
This is an open drain data line that must be pulled to the
supply (VA) with an external pull-up resistor.
Serial Clock Input. SCL is used together with SDA to control
the transfer of data in and out of the device. This is an open
drain data line that must be pulled to the supply (VA) with an
SCL
Digital Input
external pull-up resistor. This pin's extended ESD tolerance(
8kV HBM) allows extension of the I2C bus across multiple
boards without extra ESD protection.
Serial Data bi-directional connection. Data is clocked into or
out of the internal 16-bit register with SCL. This is an open
Digital
drain data line that must be pulled to the supply (VA) with an
SDA
Input/Output
external pull-up resistor. This pin's extended ESD tolerance(
8kV HBM) allows extension of the I2C bus across multiple
boards without extra ESD protection.
Tri-level Address Selection Input. Sets Bits A0 & A1 of the
ADDR0
7-bit slave address. (see Table 2)
Digital Input,
three levels
Tri-level Address Selection Input. Sets Bits A2 & A3 of the
ADDR1
7-bit slave address. (see Table 2)
Package Pinouts
VA
GND
VIN
ALERT
SCL
SDA
ADR0
ADR1
ADC081C021 (SOT-6)
1
2
3
4
5
6
N/A
N/A
ADC081C027 (SOT-6)
1
2
3
N/A
5
6
4
N/A
ADC081C021 (VSSOP-8)
5
7
4
2
1
8
3
6
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC081C021 ADC081C027


Numéro de pièce similaire - ADC081C021CIMMX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC081C021CIMK NSC-ADC081C021CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADC081C021CIMKX NSC-ADC081C021CIMKX Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
More results

Description similaire - ADC081C021CIMMX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC081C021 TI1-ADC081C021_14 Datasheet
1Mb / 42P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC081C027CIMK NSC-ADC081C027CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC121C021 TI1-ADC121C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC121C021 NSC-ADC121C021 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADC121C021 TI1-ADC121C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
DAC081C081 NSC-DAC081C081_08 Datasheet
641Kb / 24P
   8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
   8-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS7830 TI1-ADS7830_14 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com