Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5293BRUZ-100 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD5293BRUZ-100
Description  Single-Channel, 1024-Position, 1percent R-Tolerance Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5293BRUZ-100 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD5293BRUZ-100 Datasheet HTML 7Page - Analog Devices AD5293BRUZ-100 Datasheet HTML 8Page - Analog Devices AD5293BRUZ-100 Datasheet HTML 9Page - Analog Devices AD5293BRUZ-100 Datasheet HTML 10Page - Analog Devices AD5293BRUZ-100 Datasheet HTML 11Page - Analog Devices AD5293BRUZ-100 Datasheet HTML 12Page - Analog Devices AD5293BRUZ-100 Datasheet HTML 13Page - Analog Devices AD5293BRUZ-100 Datasheet HTML 14Page - Analog Devices AD5293BRUZ-100 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5293
Rev. D | Page 11 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
+25°C
–40°C
+105°C
RAB = 20kΩ
Figure 6. R-INL in R-Perf Mode vs. Code vs. Temperature
0.6
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
+25°C
–40°C
+105°C
RAB = 20kΩ
Figure 7. R-DNL in R-Perf Mode vs. Code vs. Temperature
1.0
–0.2
0
0.2
0.4
0.6
0.8
–0.6
–0.4
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
+25°C
–40°C
+105°C
RAB = 20kΩ
Figure 8. R-INL in Normal Mode vs. Code vs. Temperature
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
20kΩ
50kΩ
100kΩ
TEMPERATURE = 25°C
Figure 9. R-INL in R-Perf Mode vs. Code vs. Nominal Resistance
0.6
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
20kΩ
50kΩ
100kΩ
TEMPERATURE = 25°C
Figure 10. R-DNL in R-Perf Mode vs. Code vs. Nominal Resistance
1.0
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
128
256
384
512
640
768
896
1023
CODE (Decimal)
20kΩ
50kΩ
100kΩ
TEMPERATURE = 25°C
Figure 11. R-INL in Normal Mode vs. Code vs. Nominal Resistance


Numéro de pièce similaire - AD5293BRUZ-100

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5293BRUZ-100 AD-AD5293BRUZ-100 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
AD5293BRUZ-100-RL7 AD-AD5293BRUZ-100-RL7 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
More results

Description similaire - AD5293BRUZ-100

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5293 AD-AD5293_16 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
AD5293 AD-AD5293 Datasheet
686Kb / 20P
   Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
REV. 0
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com