Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP200GPZ Fiches technique(PDF) 7 Page - Analog Devices

No de pièce OP200GPZ
Description  Dual Low Offset, Low Power Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

OP200GPZ Fiches technique(HTML) 7 Page - Analog Devices

Back Button OP200GPZ Datasheet HTML 3Page - Analog Devices OP200GPZ Datasheet HTML 4Page - Analog Devices OP200GPZ Datasheet HTML 5Page - Analog Devices OP200GPZ Datasheet HTML 6Page - Analog Devices OP200GPZ Datasheet HTML 7Page - Analog Devices OP200GPZ Datasheet HTML 8Page - Analog Devices OP200GPZ Datasheet HTML 9Page - Analog Devices OP200GPZ Datasheet HTML 10Page - Analog Devices OP200GPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
OP200
Rev. E | Page 7 of 16
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Supply Voltage
±20 V
Differential Input Voltage
±30 V
Input Voltage
Supply voltage
Output Short-Circuit Duration
Continuous
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Junction Temperature Range (T
J)
−65°C to +150°C
Operating Temperature Range
OP200A
−55°C to +125°C
OP200E, OP200G
−40°C to +85°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 6.
Package Type
θ
JA
1
θ
JC
Unit
8-Lead CERDIP (Z Suffix)
148
16
°C/W
8-Lead Plastic DIP (P Suffix)
96
37
°C/W
16-Lead SOIC (S Suffix)
92
27
°C/W
1 θ
JA is specified for worst-case mounting conditions, that is, θJA is specified for
device in socket for CERDIP and PDIP packages; θJA is specified for device
soldered to printed circuit board for SOIC package.
ESD CAUTION


Numéro de pièce similaire - OP200GPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP200GPZ AD-OP200GPZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200GPZ AD-OP200GPZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200GPZ AD-OP200GPZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifiernull
Rev. E
OP200GPZ AD-OP200GPZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200GPZ AD-OP200GPZ Datasheet
410Kb / 17P
   Dual Low Offset, Low Power Operational Amplifier
More results

Description similaire - OP200GPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
OP200AZ AD-OP200AZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP-200 AD-OP-200 Datasheet
602Kb / 10P
   DUAL LOW OFFSET, LOW POWER OPERATIONAL AMPLIFIER
OP200 AD-OP200_04 Datasheet
393Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. B
OP200GZ AD-OP200GZ Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200 Datasheet
369Kb / 12P
   Dual Low Offset, Low Power Operational Amplifier
REV. A
5962-8859301MPA AD-5962-8859301MPA Datasheet
329Kb / 16P
   Dual Low Offset, Low Power Operational Amplifier
Rev. E
OP200 AD-OP200_17 Datasheet
410Kb / 17P
   Dual Low Offset, Low Power Operational Amplifier
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
   Dual Low Offset Operational Amplifier
logo
Analog Devices
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
OP400 AD-OP400_07 Datasheet
389Kb / 16P
   Quad Low Offset, Low Power Operational Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com