Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS22920LYZPR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS22920LYZPR
Description  Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22920LYZPR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS22920LYZPR Datasheet HTML 4Page - Texas Instruments TPS22920LYZPR Datasheet HTML 5Page - Texas Instruments TPS22920LYZPR Datasheet HTML 6Page - Texas Instruments TPS22920LYZPR Datasheet HTML 7Page - Texas Instruments TPS22920LYZPR Datasheet HTML 8Page - Texas Instruments TPS22920LYZPR Datasheet HTML 9Page - Texas Instruments TPS22920LYZPR Datasheet HTML 10Page - Texas Instruments TPS22920LYZPR Datasheet HTML 11Page - Texas Instruments TPS22920LYZPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
0
200
400
600
800
1000
1200
1400
-40
-15
10
35
60
85
Temperature ( C)
VIN = 0.9V
VIN = 3.6V
C003
C
L= 0.1µF, RL = 10, VON = 3.6V
0
2
4
6
8
10
12
14
16
18
-40
-15
10
35
60
85
Temperature ( C)
VIN = 0.9V
VIN = 3.6V
C002
C
L= 0.1µF, RL = 10, VON = 3.6V
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.2
0.4
0.6
0.8
1
1.2
V
ON (V)
VIN = 0.75V
VIN = 1.05V
VIN = 1.2V
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 3.6V
C013
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
0
0.2
0.4
0.6
0.8
1
1.2
V
ON (V)
VIN = 0.75V
VIN = 1.05V
VIN = 1.2V
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 3.6V
C012
TPS22920L
SLVSBT9A – AUGUST 2013 – REVISED AUGUST 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
OUTPUT VOLTAGE vs VON FALLING
OUTPUT VOLTAGE vs VON RISING
Figure 9.
Figure 10.
tON vs TEMPERATURE
tOFF vs TEMPERATURE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS22920L


Numéro de pièce similaire - TPS22920LYZPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS22920LYZPR TI1-TPS22920LYZPR Datasheet
1Mb / 26P
[Old version datasheet]   On-Resistance, Integrated Load Switch
More results

Description similaire - TPS22920LYZPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS22920 TI1-TPS22920 Datasheet
353Kb / 16P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22920 TI1-TPS22920_14 Datasheet
878Kb / 21P
[Old version datasheet]   Ultra-Low On-Resistance, 4-A Integrated Load Switch with Controlled Turn-on
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Advanced Power Electron...
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Texas Instruments
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com