Moteur de recherche de fiches techniques de composants électroniques |
|
UC2844BNG Fiches technique(PDF) 1 Page - ON Semiconductor |
|
UC2844BNG Fiches technique(HTML) 1 Page - ON Semiconductor |
1 / 19 page © Semiconductor Components Industries, LLC, 2013 August, 2013 − Rev. 11 1 Publication Order Number: UC3844B/D UC3844B, UC3845B, UC2844B, UC2845B High Performance Current Mode Controllers The UC3844B, UC3845B series are high performance fixed frequency current mode controllers. They are specifically designed for Off−Line and dc−dc converter applications offering the designer a cost−effective solution with minimal external components. These integrated circuits feature an oscillator, a temperature compensated reference, high gain error amplifier, current sensing comparator, and a high current totem pole output ideally suited for driving a power MOSFET. Also included are protective features consisting of input and reference undervoltage lockouts each with hysteresis, cycle−by−cycle current limiting, a latch for single pulse metering, and a flip−flop which blanks the output off every other oscillator cycle, allowing output deadtimes to be programmed from 50% to 70%. These devices are available in an 8−pin dual−in−line and surface mount (SOIC−8) plastic package as well as the 14−pin plastic surface mount (SOIC−14). The SOIC−14 package has separate power and ground pins for the totem pole output stage. The UCX844B has UVLO thresholds of 16V (on) and 10V (off), ideally suited for off−line converters. The UCX845B is tailored for lower voltage applications having UVLO thresholds of 8.5V (on) and 7.6V (off). Features • Trimmed Oscillator for Precise Frequency Control • Oscillator Frequency Guaranteed at 250 kHz • Current Mode Operation to 500 kHz Output Switching Frequency • Output Deadtime Adjustable from 50% to 70% • Automatic Feed Forward Compensation • Latching PWM for Cycle−By−Cycle Current Limiting • Internally Trimmed Reference with Undervoltage Lockout • High Current Totem Pole Output • Undervoltage Lockout with Hysteresis • Low Startup and Operating Current • These Devices are Pb−Free and are RoHS Compliant • NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable Pin numbers in parenthesis are for the D suffix SOIC-14 package. Output VC RT/CT Vref VCC Undervoltage Lockout GND 5.0V Reference Vref Undervoltage Lockout Latching PWM Oscillator Error Amplifier 5(9) 3(5) 5(8) 6(10) 7(11) Power Ground Current Sense Input 1(1) 2(3) 4(7) 8(14) Output/ Compensation Voltage Feedback Input VCC 7(12) R R Figure 1. Simplified Block Diagram 14 SOIC−14 D SUFFIX CASE 751A 1 See detailed ordering and shipping information in the package dimensions section on page 15 of this data sheet. ORDERING INFORMATION See general marking information in the device marking section on page 16 of this data sheet. DEVICE MARKING INFORMATION 1 8 PDIP−8 N SUFFIX CASE 626 PIN CONNECTIONS Compensation NC Voltage Feedback NC Current Sense NC RT/CT Compensation Voltage Feedback Current Sense RT/CT Vref Vref NC VCC VC Output GND Power Ground VCC Output GN D (Top View) 8 7 6 5 1 2 3 4 1 2 3 4 14 13 12 11 5 6 7 10 9 8 (Top View) SOIC−8 D1 SUFFIX CASE 751 1 8 http://onsemi.com |
Numéro de pièce similaire - UC2844BNG |
|
Description similaire - UC2844BNG |