Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP320F28377DPTPS Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TMP320F28377DPTPS
Description  TMS320F2837XD Dual-Core Delfino Microcontrollers
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP320F28377DPTPS Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TMP320F28377DPTPS Datasheet HTML 7Page - Texas Instruments TMP320F28377DPTPS Datasheet HTML 8Page - Texas Instruments TMP320F28377DPTPS Datasheet HTML 9Page - Texas Instruments TMP320F28377DPTPS Datasheet HTML 10Page - Texas Instruments TMP320F28377DPTPS Datasheet HTML 11Page - Texas Instruments TMP320F28377DPTPS Datasheet HTML 12Page - Texas Instruments TMP320F28377DPTPS Datasheet HTML 13Page - Texas Instruments TMP320F28377DPTPS Datasheet HTML 14Page - Texas Instruments TMP320F28377DPTPS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
TMS320F28377D, TMS320F28376D
www.ti.com
SPRS880 – DECEMBER 2013
2.4
Bus Architecture – Peripheral Connectivity
Table 2-6 shows a broad view of the peripheral and configuration register accessibility from each bus
master. Peripherals can be individually assigned to the CPU1 or CPU2 subsystem (for example, ePWM
can be assigned to CPU1 and eQEP assigned to CPU2). Peripherals within peripheral frames 1 or 2 will
all be mapped to the respective secondary master as a group (if SPI is assigned to CPUx.DMA, then
McBSP is also assigned to CPUx.DMA).
Table 2-6. Bus Master Peripheral Access
PERIPHERALS
CPU1.DMA
CPU1.CLA1
CPU1
CPU2
CPU2.CLA1
CPU2.DMA
(BY BUS ACCESS TYPE)
Peripherals that can be assigned to CPU1 or CPU2 and have common selectable Secondary Masters
Peripheral Frame 1:
ePWM/HRPWM
Sigma-Delta Filter Module (SDFM)
Demodulator
Y
Y
Y
Y
Y
Y
eCAP(1)
eQEP(1)
CMPSS(1)
DAC(1)
Peripheral Frame 2:
SPI
Y
Y
Y
Y
Y
Y
McBSP
uPP Configuration(1)
Peripherals that can be assigned to CPU1 or CPU2 subsystems
SCI
Y
Y
I2C
Y
Y
CAN
Y
Y
ADC Configuration
Y
Y
Y
Y
EMIF1
Y
Y
Y
Y
Peripherals and Device Configuration Registers only on CPU1 subsystem
EMIF2
Y
Y
USB and USB RAM
Y
Y
Device Capability, Peripheral Reset, Peripheral
Y
CPU Select
GPIO Pin Mapping and Configuration
Y
Analog System Control
Y
uPP Message RAMs
Y
Y
Reset Configuration
Y
Accessible by only one CPU at a time with Semaphore
Clock and PLL Configuration
Y
Y
Peripherals and Registers with Unique Copies of Registers for each CPU and CLA Master(2)
System Configuration
Y
Y
(WD, NMIWD, LPM, Peripheral Clock Gating)
Flash Configuration(3)
Y
Y
CPU Timers
Y
Y
DMA and CLA Trigger Source Select
Y
Y
GPIO Data(4)
Y
Y
Y
Y
ADC Results
Y
Y
Y
Y
Y
Y
(1)
These modules are on a Peripheral Frame with DMA access; however, they do not support DMA transfers.
(2)
Each CPUx and CPUx.CLA1 can only access its own copy of these registers.
(3)
At any given time, only one CPU can perform program or erase operations on the Flash.
(4)
The GPIO Data Registers are unique for each CPUx and CPUx.CLAx. When the GPIO Pin Mapping Register is configured to assign a
GPIO to a particular master, the respective GPIO Data Register will control the GPIO. See the "General-Purpose Input/Output (GPIO)"
chapter of the TMS320F2837xD Technical Reference Manual (literature number SPRUHM8) for more details.
Copyright © 2013, Texas Instruments Incorporated
Device Overview
11
Submit Documentation Feedback
Product Folder Links: TMS320F28377D TMS320F28376D


Numéro de pièce similaire - TMP320F28377DPTPS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP320F2802238A TI-TMP320F2802238A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802238S TI-TMP320F2802238S Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802248A TI-TMP320F2802248A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802248S TI-TMP320F2802248S Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
TMP320F2802338A TI-TMP320F2802338A Datasheet
76Kb / 10P
[Old version datasheet]   TMS320x28027, TMS320x28026, TMS320x28025,TMS320x28024, TMS320x28023, TMS320x28022 Piccolo MCU
More results

Description similaire - TMP320F28377DPTPS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMS320F28379D TI1-TMS320F28379D_V01 Datasheet
2Mb / 222P
[Old version datasheet]   TMS320F2837xD Dual-Core Delfino??Microcontrollers
TMS320F28379D TI1-TMS320F28379D Datasheet
2Mb / 212P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28379D TI-TMS320F28379D_V03 Datasheet
5Mb / 226P
[Old version datasheet]   TMS320F2837xD Dual-Core Microcontrollers
TMS320F28379D TI-TMS320F28379D_V02 Datasheet
5Mb / 226P
[Old version datasheet]   TMS320F2837xD Dual-Core Microcontrollers
TMS320F28379D TI1-TMS320F28379D_18 Datasheet
2Mb / 222P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D TI1-TMS320F28377D_14 Datasheet
1Mb / 121P
[Old version datasheet]   Dual-Core Delfino??Microcontrollers
TMS320F28377D-EP TI-TMS320F28377D-EP_V01 Datasheet
2Mb / 208P
[Old version datasheet]   TMS320F28377D-EP Dual-Core Delfino??Microcontrollers
TMS320C28346 TI-TMS320C28346_11 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com