Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ31503RUQR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMZ31503RUQR
Description  3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31503RUQR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LMZ31503RUQR Datasheet HTML 4Page - Texas Instruments LMZ31503RUQR Datasheet HTML 5Page - Texas Instruments LMZ31503RUQR Datasheet HTML 6Page - Texas Instruments LMZ31503RUQR Datasheet HTML 7Page - Texas Instruments LMZ31503RUQR Datasheet HTML 8Page - Texas Instruments LMZ31503RUQR Datasheet HTML 9Page - Texas Instruments LMZ31503RUQR Datasheet HTML 10Page - Texas Instruments LMZ31503RUQR Datasheet HTML 11Page - Texas Instruments LMZ31503RUQR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
1000
10000
100000
400000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (Hz)
Gain
Phase
G000
0
0.4
0.8
1.2
1.6
2
0
0.5
1
1.5
2
2.5
3
Output Current (A)
VOUT = 5.0 V,fSW = 780 kHz
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 480 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
VOUT = 0.8 V,fSW = 330 kHz
G000
20
30
40
50
60
70
80
90
0
0.5
1
1.5
2
2.5
3
Output Current (A)
Natural Convection
All Output Voltages
G000
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
Output Current (A)
VOUT = 5.0 V,fSW = 780 kHz
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 480 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
VOUT = 0.8 V,fSW = 330 kHz
G000
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
Output Current (A)
VOUT = 5.0 V,fSW = 780 kHz
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 480 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
VOUT = 0.8 V,fSW = 330 kHz
G000
LMZ31503
SNVS992 – JULY 2013
www.ti.com
TYPICAL CHARACTERISTICS (PVIN = VIN = 12 V) (1) (2)
Figure 1. Efficiency vs. Output Current
Figure 2. Voltage Ripple vs. Output Current
Figure 3. Power Dissipation vs. Output Current
Figure 4. Safe Operating Area
Figure 5. VOUT= 1.8 V, IOUT= 3 A, COUT1= 100 µF ceramic, COUT2= 100 µF ceramic, fSW= 480 kHz
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 1, Figure 2, and Figure 3.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm × 100 mm double-sided PCB with 1 oz. copper.
Applies to Figure 4.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ31503


Numéro de pièce similaire - LMZ31503RUQR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ31503RUQR TI1-LMZ31503RUQR Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results

Description similaire - LMZ31503RUQR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31530 TI-LMZ31530_15 Datasheet
1Mb / 32P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com