Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMZ30604RKGT Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMZ30604RKGT
Description  4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ30604RKGT Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LMZ30604RKGT Datasheet HTML 6Page - Texas Instruments LMZ30604RKGT Datasheet HTML 7Page - Texas Instruments LMZ30604RKGT Datasheet HTML 8Page - Texas Instruments LMZ30604RKGT Datasheet HTML 9Page - Texas Instruments LMZ30604RKGT Datasheet HTML 10Page - Texas Instruments LMZ30604RKGT Datasheet HTML 11Page - Texas Instruments LMZ30604RKGT Datasheet HTML 12Page - Texas Instruments LMZ30604RKGT Datasheet HTML 13Page - Texas Instruments LMZ30604RKGT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LMZ30604
SNVS998 – JULY 2013
www.ti.com
CAPACITOR RECOMMENDATIONS FOR THE LMZ30604 POWER SUPPLY
Capacitor Technologies
Electrolytic, Polymer-Electrolytic Capacitors
When using electrolytic capacitors, high-quality, computer-grade electrolytic capacitors are recommended.
Polymer-electrolytic type capacitors are recommended for applications where the ambient operating temperature
is less than 0°C. The Sanyo OS-CON capacitor series is suggested due to the lower ESR, higher rated surge,
power dissipation, ripple current capability, and small package size. Aluminum electrolytic capacitors provide
adequate decoupling over the frequency range of 2 kHz to 150 kHz, and are suitable when ambient temperatures
are above 0°C.
Ceramic Capacitors
The performance of aluminum electrolytic capacitors is less effective than ceramic capacitors above 150 kHz.
Multilayer ceramic capacitors have a low ESR and a resonant frequency higher than the bandwidth of the
regulator. They can be used to reduce the reflected ripple current at the input as well as improve the transient
response of the output.
Tantalum, Polymer-Tantalum Capacitors
Polymer-tantalum type capacitors are recommended for applications where the ambient operating temperature is
less than 0°C. The Sanyo POSCAP series and Kemet T530 capacitor series are recommended rather than many
other tantalum types due to their lower ESR, higher rated surge, power dissipation, ripple current capability, and
small package size. Tantalum capacitors that have no stated ESR or surge current rating are not recommended
for power applications.
Input Capacitor
The LMZ30604 requires a minimum input capacitance of 47
μF of ceramic capacitance. An additional 220 μF
polymer-tantalum capacitor is recommended for applications with transient load requirements. The combined
ripple current rating of the input capacitors must be at least 2000 mArms. Table 5 includes a preferred list of
capacitors by vendor. For applications where the ambient operating temperature is less than 0°C, an additional
1
μF, X5R or X7R ceramic capacitor placed between VIN and AGND is recommended.
Output Capacitor
The required output capacitance is determined by the output voltage of the LMZ30604. See Table 3 for the
amount of required capacitance. The required output capacitance must include at least one 47 µF ceramic
capacitor. For applications where the ambient operating temperature is less than 0°C, an additional 100 µF
polymer-tantalum capacitor is recommended. When adding additional non-ceramic bulk capacitors, low-ESR
devices like the ones recommended in Table 5 are required. The required capacitance above the minimum is
determined by actual transient deviation requirements. See Table 4 for typical transient response values for
several output voltage, input voltage and capacitance combinations. Table 5 includes a preferred list of
capacitors by vendor.
Table 3. Required Output Capacitance
VOUT RANGE (V)
MINIMUM REQUIRED COUT (µF)
MIN
MAX
0.8
< 1.8
147(1)
1.8
< 3.3
100(2)
3.3
3.6
47(2)
(1)
Minimum required must include at least 1 x 47 µF ceramic capacitor plus 1 x 100 µF polymer-tantalum
capacitor.
(2)
Minimum required must include at least 47 µF of ceramic capacitance.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ30604


Numéro de pièce similaire - LMZ30604RKGT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ30604RKGT TI1-LMZ30604RKGT Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results

Description similaire - LMZ30604RKGT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com