Moteur de recherche de fiches techniques de composants électroniques |
|
DM385AAAR21F Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
DM385AAAR21F Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 280 page DM385, DM388 www.ti.com SPRS821D – MARCH 2013 – REVISED DECEMBER 2013 DM385 and DM388 DaVinci™ Digital Media Processor Check for Samples: DM385, DM388 1 High-Performance System-on-Chip (SoC) 1.1 Features 1234 • High-Performance DaVinci Digital Media • Programmable High-Definition Video Image Processors Coprocessing (HDVICP v2) Engine – Up to 1000-MHz ARM® Cortex™-A8 RISC – Encode, Decode, Transcode Operations Processor – H.264 BP/MP/HP, MPEG-2, VC-1, MPEG-4 – Up to 2000 ARM Cortex-A8 MIPS SP/ASP, JPEG/MJPEG • ARM Cortex-A8 Core – Fourth-Generation Motion-Compensated Noise Filter (DM388 Only) – ARMv7 Architecture • Media Controller • In-Order, Dual-Issue, Superscalar Processor Core – Controls the HDVPSS, HDVICP2, and ISS • NEON™ Multimedia Architecture • Endianness • Supports Integer and Floating Point – ARM Instructions and Data – Little Endian • Jazelle® RCT Execution Environment • HD Video Processing Subsystem (HDVPSS) • ARM Cortex-A8 Memory Architecture – Two 165-MHz HD Video Capture Inputs – 32KB of Instruction and Data Caches • One 16- or 24-Bit Input, Splittable Into Dual 8-Bit SD Capture Ports – 256KB of L2 Cache with ECC • One 8-, 16-, or 24-Bit HD Input and 8-Bit – 64KB of RAM, 48KB of Boot ROM SD Input Capture Port • 256KB of On-Chip Memory Controller (OCMC) – Two 165-MHz HD Video Display Outputs RAM • One 16-, 24-, or 30-Bit and One 16- or 24- • Imaging Subsystem (ISS) Bit Output – Camera Sensor Connection – Component HD Analog Output • Parallel Connection for Raw (up to 16-Bit) – Composite Analog Output and BT.656/BT.1120 (8- or 16-Bit) – Digital HDMI 1.3 Transmitter with Integrated • CSI2 Serial Connection PHY – Image Sensor Interface (ISIF) for Handling – Advanced Video Processing Features Such Image and Video Data From the Camera as Scan, Format, and Rate Conversion Sensor – Three Graphics Layers and Compositors – Image Pipe Interface (IPIPEIF) for Image and Video Data Connection Between Camera • 32-Bit DDR2, DDR3, and DDR3L SDRAM Sensor, ISIF, IPIPE, and DRAM Interface – Image Pipe (IPIPE) for Real-Time Image and – Supports up to 400 MHz for DDR2, 533 MHz Video Processing for DDR3, and 533 MHz for DDR3L – Resizer – Up to Two x 16 Devices, 2GB of Total Address Space • Resizing Image and Video From 1/16x to 8x – Dynamic Memory Manager (DMM) • Generating Two Different Resizing • Programmable Multi-Zone Memory Outputs Concurrently Mapping • Hardware 3A Engine (H3A) for Generating • Enables Efficient 2D Block Accesses Key Statistics for 3A (AE, AWB, and AF) • Supports Tiled Objects in 0°, 90°, 180°, or Control 270° Orientation and Mirroring • Face Detect (FD) Engine – Hardware Face Detection for up to 35 Faces Per Frame 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 Device/BIOS, XDS are trademarks of Texas Instruments. 3 Skype is a trademark of Skype. 4 All other trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Products conform to Copyright © 2013, Texas Instruments Incorporated specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - DM385AAAR21F |
|
Description similaire - DM385AAAR21F |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |