Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM385AAAR11F Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce DM385AAAR11F
Description  DM385 and DM388 DaVinci??Digital Media Processor
Download  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DM385AAAR11F Fiches technique(HTML) 10 Page - Texas Instruments

Back Button DM385AAAR11F Datasheet HTML 6Page - Texas Instruments DM385AAAR11F Datasheet HTML 7Page - Texas Instruments DM385AAAR11F Datasheet HTML 8Page - Texas Instruments DM385AAAR11F Datasheet HTML 9Page - Texas Instruments DM385AAAR11F Datasheet HTML 10Page - Texas Instruments DM385AAAR11F Datasheet HTML 11Page - Texas Instruments DM385AAAR11F Datasheet HTML 12Page - Texas Instruments DM385AAAR11F Datasheet HTML 13Page - Texas Instruments DM385AAAR11F Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 280 page
background image
Arbiter
128
ICECrusher
Trace
Debug
48KB ROM
64KB RAM
ARM Cortex-A8
Interrupt Controller
(AINTC)
L3
DMM
128
64
64
128
128 128
PLL_ARM
128
System Events
32
32
128
ARM Cortex-A8
NEON
ETM
256KB L2$
32KB L1I$ 32KB L1D$
DEVOSC
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
2.3
Device Compatibility
2.4
ARM® Cortex™-A8 Microprocessor Unit (Processor) Subsystem Overview
The ARM® Cortex™-A8 Subsystem is designed to allow the ARM Cortex-A8 master control of the device.
In general, the ARM Cortex-A8 is responsible for configuration and control of the various subsystems,
peripherals, and external memories.
The ARM Cortex-A8 Subsystem includes the following features:
ARM Cortex-A8 RISC processor:
ARMv7 ISA plus Thumb2™, JazelleX™, and Media Extensions
NEON™ Floating-Point Unit
Enhanced Memory Management Unit (MMU)
Little Endian
32KB L1 Instruction Cache
32KB L1 Data Cache
256KB L2 Cache with Error Correction Code (ECC)
CoreSight Embedded Trace Module (ETM)
ARM Cortex-A8 Interrupt Controller (AINTC)
Embedded PLL Controller (PLL_ARM)
64KB Internal RAM
48KB Internal Public ROM
Figure 2-1 shows the ARM Cortex-A8 Subsystem for the device.
Figure 2-1. ARM Cortex-A8 Subsystem
2.4.1
ARM Cortex-A8 RISC Processor
The ARM Cortex-A8 processor is a member of ARM Cortex family of general-purpose microprocessors.
This processor is targeted at multi-tasking applications where full memory management, high
performance, low die size, and low power are all important. The ARM Cortex-A8 processor supports the
ARM debug architecture and includes logic to assist in both hardware and software debug. The ARM
Cortex-A8 processor has a Harvard architecture and provides a complete high-performance subsystem,
including:
ARM Cortex-A8 Integer Core
Superscalar ARMv7 Instruction Set
Thumb-2 Instruction Set
Jazelle RCT Acceleration
CP14 Debug Coprocessor
10
Device Overview
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388


Numéro de pièce similaire - DM385AAAR11F

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DM385AAAR11F TI1-DM385AAAR11F Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
More results

Description similaire - DM385AAAR11F

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DM385 TI-DM385_15 Datasheet
1Mb / 281P
[Old version datasheet]   DM385 and DM388 DaVinci??Digital Media Processor
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com