Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si5376B-A-BL Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce Si5376B-A-BL
Description  4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5376B-A-BL Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button Si5376B-A-BL Datasheet HTML 3Page - Silicon Laboratories Si5376B-A-BL Datasheet HTML 4Page - Silicon Laboratories Si5376B-A-BL Datasheet HTML 5Page - Silicon Laboratories Si5376B-A-BL Datasheet HTML 6Page - Silicon Laboratories Si5376B-A-BL Datasheet HTML 7Page - Silicon Laboratories Si5376B-A-BL Datasheet HTML 8Page - Silicon Laboratories Si5376B-A-BL Datasheet HTML 9Page - Silicon Laboratories Si5376B-A-BL Datasheet HTML 10Page - Silicon Laboratories Si5376B-A-BL Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
Si5376
Rev. 1.0
7
2-Level LVCMOS Input Pins
Input Voltage Low
VIL
VDD =1.71V
0.5
V
VDD =2.25V
0.7
V
Input Voltage High
VIH
VDD =1.89V
1.4
V
VDD =2.25V
1.8
V
LVCMOS Output Pins
Output Voltage Low
VOL
IO = 2 mA
VDD =1.71V
——
0.4
V
Output Voltage Low
IO = 2 mA
VDD =2.25V
——
0.4
V
Output Voltage High
VOH
IO = –2 mA
VDD =1.71V
VDD
0.4
——
V
Output Voltage High
IO = –2 mA
VDD =2.25V
VDD
0.4
——
V
Table 2. DC Characteristics (Continued)
(VDD = 1.8 ± 5%, 2.5 ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
Current draw is independent of supply voltage.
2.
No under- or overshoot is allowed.
3.
LVPECL outputs require nominal VDD =2.5 V.
4.
LVPECL, CML, LVDS and low-swing LVDS measured with Fo = 622.08 MHz.


Numéro de pièce similaire - Si5376B-A-BL

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI5376B-A-BL SKYWORKS-SI5376B-A-BL Datasheet
786Kb / 66P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

Description similaire - Si5376B-A-BL

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5374 SILABS-SI5374 Datasheet
352Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5375 SKYWORKS-SI5375 Datasheet
733Kb / 54P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5375 SILABS-SI5375 Datasheet
272Kb / 54P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5374 SKYWORKS-SI5374 Datasheet
796Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
SI5376 SKYWORKS-SI5376 Datasheet
786Kb / 66P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com