Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM285D-2.5R2G Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce LM285D-2.5R2G
Description  Micropower Voltage Reference Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM285D-2.5R2G Fiches technique(HTML) 5 Page - ON Semiconductor

  LM285D-2.5R2G Datasheet HTML 1Page - ON Semiconductor LM285D-2.5R2G Datasheet HTML 2Page - ON Semiconductor LM285D-2.5R2G Datasheet HTML 3Page - ON Semiconductor LM285D-2.5R2G Datasheet HTML 4Page - ON Semiconductor LM285D-2.5R2G Datasheet HTML 5Page - ON Semiconductor LM285D-2.5R2G Datasheet HTML 6Page - ON Semiconductor LM285D-2.5R2G Datasheet HTML 7Page - ON Semiconductor LM285D-2.5R2G Datasheet HTML 8Page - ON Semiconductor LM285D-2.5R2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LM285, LM385B
http://onsemi.com
5
V(BR), REVERSE VOLTAGE (V)
1.1
t, TIME (ms)
0
1.0
0.9
0.8
0.7
0.6
0.3
0.2
0.1
2.50
3.00
1.50
1.00
0
5.0
0.50
10
0
2.00
Input
DUT
Output
100 k
100
1.0K
100k
10K
10
0
250
500
750
1500
1250
1000
f, FREQUENCY (Hz)
125
TA , AMBIENT TEMPERATURE (°C)
2.450
2.470
2.490
2.510
2.520
100
75
50
025
-25
-50
10
0.01
100
1.0
0.1
1.2
1.0
0.8
0.6
0.4
0.2
0
IF , FORWARD CURRENT (mA)
TYPICAL PERFORMANCE CURVES FOR LM285-2.5/385-2.5/385B-2.5
0.5
1.0
1.5
2.0
2.5
3.0
10
3.5
100
1.0
0.1
0
Figure 8. Reverse Characteristics
Figure 9. Reverse Characteristics
0.1
1.0
10
100
0.01
8.0
6.0
4.0
2.0
0
-2.0
10
IR, REVERSE CURRENT (mA)
TA = +85°C
+25
°C
-40
°C
TA = +85°C
+25
°C
-40
°C
Figure 10. Forward Characteristics
TA = -40°C
+25
°C
+85
°C
Figure 11. Temperature Drift
IR = 100 mA
Figure 12. Noise Voltage
Figure 13. Response Time
2.460
2.480
2.500


Numéro de pièce similaire - LM285D-2.5R2G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM285D-2.5R2G ONSEMI-LM285D-2.5R2G Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285D-2.5R2G ONSEMI-LM285D-2.5R2G Datasheet
88Kb / 9P
   Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM285D-2.5R2G ONSEMI-LM285D-2.5R2G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285D-2.5R2G ONSEMI-LM285D-2.5R2G Datasheet
100Kb / 9P
   Micropower Voltage Reference Diodes
October, 2016 ??Rev. 9
More results

Description similaire - LM285D-2.5R2G

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
LM285 MOTOROLA-LM285 Datasheet
110Kb / 7P
   MICROPOWER VOLTAGE REFERENCE DIODES
logo
ON Semiconductor
LM385D-25R2 ONSEMI-LM385D-25R2 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-1.2R2G ONSEMI-LM385D-1.2R2G Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_16 Datasheet
100Kb / 9P
   Micropower Voltage Reference Diodes
October, 2016 ??Rev. 9
LM285 ONSEMI-LM285_05 Datasheet
88Kb / 9P
   Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_08 Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-25R2G ONSEMI-LM385D-25R2G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com