Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM285D-2.5G Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce LM285D-2.5G
Description  Micropower Voltage Reference Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM285D-2.5G Fiches technique(HTML) 2 Page - ON Semiconductor

  LM285D-2.5G Datasheet HTML 1Page - ON Semiconductor LM285D-2.5G Datasheet HTML 2Page - ON Semiconductor LM285D-2.5G Datasheet HTML 3Page - ON Semiconductor LM285D-2.5G Datasheet HTML 4Page - ON Semiconductor LM285D-2.5G Datasheet HTML 5Page - ON Semiconductor LM285D-2.5G Datasheet HTML 6Page - ON Semiconductor LM285D-2.5G Datasheet HTML 7Page - ON Semiconductor LM285D-2.5G Datasheet HTML 8Page - ON Semiconductor LM285D-2.5G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LM285, LM385B
http://onsemi.com
2
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Current
IR
30
mA
Forward Current
IF
10
mA
Operating Ambient Temperature Range
LM285
LM385
TA
-40 to +85
0 to +70
°C
Operating Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
-65 to + 150
°C
Electrostatic Discharge Sensitivity (ESD)
Human Body Model (HBM)
Machine Model (MM)
Charged Device Model (CDM)
ESD
4000
400
2000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted)
Characteristic
Symbol
LM285-1.2
LM385-1.2/LM385B-1.2
Unit
Min
Typ
Max
Min
Typ
Max
Reverse Breakdown Voltage (IRmin v IR v 20 mA)
LM285-1.2/LM385B-1.2
TA = Tlow to Thigh (Note 1)
LM385-1.2
TA = Tlow to Thigh (Note 1)
V(BR)R
1.223
1.200
-
-
1.235
-
-
-
1.247
1.270
-
-
1.223
1.210
1.205
1.192
1.235
-
1.235
-
1.247
1.260
1.260
1.273
V
Minimum Operating Current
TA = 25°C
TA = Tlow to Thigh (Note 1)
IRmin
-
-
8.0
-
10
20
-
8.0
-
15
20
mA
Reverse Breakdown Voltage Change with Current
IRmin v IR v 1.0 mA, TA = +25°C
TA = Tlow to Thigh (Note 1)
1.0 mA
v IR v 20 mA, TA = +25°C
TA = Tlow to Thigh (Note 1)
DV(BR)R
-
-
-
-
-
-
-
-
1.0
1.5
10
20
-
-
-
-
-
-
-
-
1.0
1.5
20
25
mV
Reverse Dynamic Impedance
IR = 100 mA, TA = +25°C
Z
-
0.6
-
-
0.6
-
W
Average Temperature Coefficient
10
mA v IR v 20 mA, TA = Tlow to Thigh (Note 1)
DV(BR)/DT
-
80
-
-
80
-
ppm/
°C
Wideband Noise (RMS)
IR = 100 mA, 10 Hz v f v 10 kHz
n
-
60
-
-
60
-
mV
Long Term Stability
IR = 100 mA, TA = +25°C ± 0.1°C
S
-
20
-
-
20
-
ppm/kHR
Reverse Breakdown Voltage (IRmin v IR v 20 mA)
LM285-2.5/LM385B-2.5
TA = Tlow to Thigh (Note 1)
LM385-2.5
TA = Tlow to Thigh (Note 1)
V(BR)R
2.462
2.415
-
-
2.5
-
-
-
2.538
2.585
-
-
2.462
2.436
2.425
2.400
2.5
-
2.5
-
2.538
2.564
2.575
2.600
V
Minimum Operating Current
TA = 25°C
TA = Tlow to Thigh (Note 1)
IRmin
-
-
13
-
20
30
-
-
13
-
20
30
mA
1. Tlow
= -40
°C for LM285-1.2, LM285-2.5
Thigh =+85°C for LM285-1.2, LM285-2.5
Tlow
= 0
°C for LM385-1.2, LM385B-1.2, LM385-2.5, LM385B-2.5
Thigh =+70°C for LM385-1.2, LM385B-1.2, LM385-2.5, LM385B-2.5


Numéro de pièce similaire - LM285D-2.5G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM285D-2.5G ONSEMI-LM285D-2.5G Datasheet
88Kb / 9P
   Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM285D-2.5G ONSEMI-LM285D-2.5G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285D-2.5G ONSEMI-LM285D-2.5G Datasheet
100Kb / 9P
   Micropower Voltage Reference Diodes
October, 2016 ??Rev. 9
More results

Description similaire - LM285D-2.5G

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
LM285 MOTOROLA-LM285 Datasheet
110Kb / 7P
   MICROPOWER VOLTAGE REFERENCE DIODES
logo
ON Semiconductor
LM385D-25R2 ONSEMI-LM385D-25R2 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-1.2R2G ONSEMI-LM385D-1.2R2G Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_16 Datasheet
100Kb / 9P
   Micropower Voltage Reference Diodes
October, 2016 ??Rev. 9
LM285 ONSEMI-LM285_05 Datasheet
88Kb / 9P
   Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_08 Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-25R2G ONSEMI-LM385D-25R2G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com