Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3U-0010-0904-3 Fiches technique(PDF) 1 Page - 3M Electronics

No de pièce 3U-0010-0904-3
Description  This specification was revised due to the requirement described below.
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  3M [3M Electronics]
Site Internet  http://www.3m.com
Logo 3M - 3M Electronics

3U-0010-0904-3 Fiches technique(HTML) 1 Page - 3M Electronics

  3U-0010-0904-3 Datasheet HTML 1Page - 3M Electronics 3U-0010-0904-3 Datasheet HTML 2Page - 3M Electronics 3U-0010-0904-3 Datasheet HTML 3Page - 3M Electronics 3U-0010-0904-3 Datasheet HTML 4Page - 3M Electronics 3U-0010-0904-3 Datasheet HTML 5Page - 3M Electronics 3U-0010-0904-3 Datasheet HTML 6Page - 3M Electronics 3U-0010-0904-3 Datasheet HTML 7Page - 3M Electronics 3U-0010-0904-3 Datasheet HTML 8Page - 3M Electronics 3U-0010-0904-3 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SUMITOMO 3M LIMITED
TECHNICAL DEPARTMENT
ELECTRONIC & EH&P PRODUCTS DIVISION
 製品仕様書
Product Specification
JNPS-0135D
3M 印
MDR
ノンシールドシェルストレートタイプ
キット
103XX-42X0-XXX
103XX-52X0-XXX
部品
106XX-4200-XXX
106XX-5200-XXX
3342-XX
10600-
L0F0-X
3M Brand
MDR
Non-Shielded Shell Straight Type
Kit
103XX-42X0-XXX
103XX-52X0-XXX
Parts
106XX-4200-XXX
106XX-5200-XXX
3342-XX
以下の改定を行う。但し、これによる仕様書の変更は実施しない。
1.新計量法試行により、単位系を SI 単位系に改定。
-( )内の数値は参考値。改定行右端に「新計量改定」と明示。
2.表紙記述の部門名変更
This specification was revised due to the requirement described below.
1. Using unit was changed to SI unit, because new measurement law came
into operation in Japan.
-( ) is reference value.
“Revised by new measurement law” is describes
at right side of the revised lines.
2. Division name described in the cover page was changed.
11,Jan.,1999


Numéro de pièce similaire - 3U-0010-0904-3

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
3U-0-21-0-0-0-0 CK-COMPONENTS-3U-0-21-0-0-0-0 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
3U-0-21-0-0-02 CK-COMPONENTS-3U-0-21-0-0-02 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
3U-0-21-0-09-0 CK-COMPONENTS-3U-0-21-0-09-0 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
3U-0-21-0-092 CK-COMPONENTS-3U-0-21-0-092 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
3U-0-21-0-0A-0 CK-COMPONENTS-3U-0-21-0-0A-0 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
More results

Description similaire - 3U-0010-0904-3

FabricantNo de pièceFiches techniqueDescription
logo
TE Connectivity Ltd
108-36033 TEC-108-36033 Datasheet
286Kb / 6P
   The product described in this document has not been fully tested to ensure conformance to the requirements outlined below
108-133061 TEC-108-133061 Datasheet
162Kb / 7P
   The product described in this document has not been fully tested to ensure conformance to the requirements outlined below.
logo
Inolux Corporation
V236BJ1 INOLUX-V236BJ1 Datasheet
662Kb / 29P
   The Approval Specification was first issued.
logo
Samsung semiconductor
LSC320AN10 SAMSUNG-LSC320AN10 Datasheet
2Mb / 34P
   The information described in this specification is preliminary and can be changed without prior notice
logo
Soberton Inc.
WT-2505 SOBERTON-WT-2505_17 Datasheet
312Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-1201 SOBERTON-WT-1201_17 Datasheet
268Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1612S SOBERTON-WST-1612S_16 Datasheet
340Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1307S SOBERTON-WST-1307S Datasheet
290Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-0905S SOBERTON-WST-0905S_16 Datasheet
300Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-025BH SOBERTON-ST-025BH_17 Datasheet
412Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com