Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC1213A Fiches technique(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

No de pièce 2SC1213A
Description  TRANSISTOR (NPN)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Site Internet  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SC1213A Fiches technique(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  2SC1213A Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2SC1213
TRANSISTOR (NPN)
2SC1213A
FEATURE
Power dissipation
PCM:
0.4
W (Tamb=25
℃)
Collector current
ICM:
0.5
A
Collector-base voltage
V(BR)CBO:
2SC1213 :
35
V
2SC1213A :
50
V
Operating and storage junction temperature range
TJ, Tstg:
-55
℃ to +150℃
ELECTRICAL CHARACTERISTICS(Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
2SC1213
2SC1213A
V(BR)CBO
Ic= 10
µA , I
E=0
35
50
V
Collector-emitter breakdown voltage 2SC1213
2SC1213A
V(BR)CEO
IC= 1 mA , IB=0
35
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA, IC=0
4
V
Collector cut-off current
ICBO
VCB= 20V , IE=0
0.5
µA
hFE(1)
VCE=3V, IC= 10mA
60
320
DC current gain
hFE(2)
VCE=3V, IC= 500mA
10
Collector-emitter saturation voltage
VCE(sat)
IC= 150mA, IB= 15 mA
0.2
0.6
V
Base-emitter voltage
VBE
VCE= 3V, IC= 10 mA
0.75
V
CLASSIFICATION OF hFE(1)
Rank
B
C
D
Range
60-120
100-200
160-320
1 2 3
TO-92
1. EMITTER
2. COLLECTOR
3. BASE
2SC1213/A
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Numéro de pièce similaire - 2SC1213A

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SC1213A HITACHI-2SC1213A Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC1213A HITACHI-2SC1213A Datasheet
43Kb / 8P
   Silicon NPN Epitaxial
logo
Micro Electronics
2SC1213A MICRO-ELECTRONICS-2SC1213A Datasheet
67Kb / 1P
   SILICON TRANSISTOR
logo
TRANSYS Electronics Lim...
2SC1213A TEL-2SC1213A Datasheet
66Kb / 1P
   Plastic-Encapsulated Transistors
logo
Renesas Technology Corp
2SC1213A RENESAS-2SC1213A Datasheet
154Kb / 5P
   Silicon NPN Epitaxial
More results

Description similaire - 2SC1213A

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com