Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ULN2068LB Fiches technique(PDF) 2 Page - Allegro MicroSystems

No de pièce ULN2068LB
Description  QUAD 1.5 A DARLINGTON SWITCHES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ULN2068LB Fiches technique(HTML) 2 Page - Allegro MicroSystems

  ULN2068LB Datasheet HTML 1Page - Allegro MicroSystems ULN2068LB Datasheet HTML 2Page - Allegro MicroSystems ULN2068LB Datasheet HTML 3Page - Allegro MicroSystems ULN2068LB Datasheet HTML 4Page - Allegro MicroSystems ULN2068LB Datasheet HTML 5Page - Allegro MicroSystems ULN2068LB Datasheet HTML 6Page - Allegro MicroSystems ULN2068LB Datasheet HTML 7Page - Allegro MicroSystems ULN2068LB Datasheet HTML 8Page - Allegro MicroSystems ULN2068LB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2064 THRU 2069
QUAD 1.5 A DARLINGTON
SWITCHES
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
2
Part
Max.
Min.
Max.
Number*
V
CEX
V
CE(SUS)
V
IN
Application
ULN2064B
50 V
35 V
15 V
TTL, DTL, Schottky TTL,
ULN2064LB
and 5 V CMOS
ULN2065B
80 V
50 V
15 V
ULN2065LB
ULN2068B
50 V
35 V
15 V
TTL, DTL, Schottky TTL,
ULN2068LB
and 5 V CMOS
ULN2069B
80 V
50 V
15 V
ULN2069LB
SELECTION GUIDE
TEST FIGURES
FIGURE 8
FIGURE 7
FIGURE 6
FIGURE 5
Dwg. No. A-9736
Dwg. No. A-10,351
OPEN
IC
mA
VIN
VS
IS
V
Dwg. No. A-9734A
OPEN
VCE
V
VIN
IC
Dwg. No. A-9735A
FIGURE 4
FIGURE 1
Dwg. No. A-10,349
FIGURE 3
Dwg. No. A-9729A
Dwg. No. A-10,350
FIGURE 2
VCE
VIN
OPEN
IC
V
IB
OPEN
VCE
V
IC
Dwg. No. A-9732A
VIN
OPEN
mA
OPEN
IIN
IF
OPEN
VF
V
OPEN
VR
IR
µA
OPEN
OPEN
VCE
ICEX
µA
50
75
100
125
150
5
1
0
TEMPERATURE IN
°C
4
3
2
25
Dwg. GP-049-3
R
= 6.0
°C/W
θJT
SUFFIX 'B', R
= 43
°C/W
θJA
SUFFIX 'LB', R
= 60
°C/W
θJA
Copyright © 1977, 2000 Allegro MicroSystems, Inc.
* Suffix ‘B’ is a 16-pin DIP; ‘LB’ is a 20-lead SOIC.


Numéro de pièce similaire - ULN2068LB

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
   QUAD 1.5 A DARLINGTON SWITCH
ULN2068B MOTOROLA-ULN2068B Datasheet
125Kb / 6P
   QUAD 1.5 A DARLINGTON SWITCH
logo
STMicroelectronics
ULN2068B STMICROELECTRONICS-ULN2068B Datasheet
98Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
ULN2068B STMICROELECTRONICS-ULN2068B Datasheet
1,009Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
ULN2068B STMICROELECTRONICS-ULN2068B Datasheet
279Kb / 14P
   50 V - 1.5 A quad Darlington switches
More results

Description similaire - ULN2068LB

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ULN2065B STMICROELECTRONICS-ULN2065B Datasheet
827Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
ULN2064B STMICROELECTRONICS-ULN2064B Datasheet
279Kb / 14P
   50 V - 1.5 A quad Darlington switches
ULN2065B-ULN2067B STMICROELECTRONICS-ULN2065B-ULN2067B Datasheet
133Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
   QUAD 1.5 A DARLINGTON SWITCH
logo
Allegro MicroSystems
ULS-2064H ALLEGRO-ULS-2064H Datasheet
1Mb / 12P
   1.25 A QUAD DARLINGTON SWITCHES
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
   QUAD DARLINGTON SWITCHES
ULN2064B STMICROELECTRONICS-ULN2064B_03 Datasheet
1,009Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Allegro MicroSystems
2878 ALLEGRO-2878 Datasheet
222Kb / 8P
   QUAD HIGH-CURRENT DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
List of Unclassifed Man...
ULN-2061M ETC2-ULN-2061M Datasheet
3Mb / 163P
   1.5A DARLINGTON SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com