Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN3180 Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce FAN3180
Description  Single 2-A Low-Side Driver with 3.3-V LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3180 Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN3180 Datasheet HTML 4Page - Fairchild Semiconductor FAN3180 Datasheet HTML 5Page - Fairchild Semiconductor FAN3180 Datasheet HTML 6Page - Fairchild Semiconductor FAN3180 Datasheet HTML 7Page - Fairchild Semiconductor FAN3180 Datasheet HTML 8Page - Fairchild Semiconductor FAN3180 Datasheet HTML 9Page - Fairchild Semiconductor FAN3180 Datasheet HTML 10Page - Fairchild Semiconductor FAN3180 Datasheet HTML 11Page - Fairchild Semiconductor FAN3180 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3180 • Rev. 1.0.3
8
Typical Performance Characteristics
Typical characteristics are provided at 25°C and VDD=12 V unless otherwise noted.
Figure 11.Input Thresholds vs. Supply Voltage
Figure 12.TTL Input Thresholds vs. Temperature
Figure 13.Propagation Delay vs. Supply Voltage
Figure 14.Propagation Delay vs. Temperature
Figure 15.Fall Time vs. Supply Voltage
Figure 16.Rise Time vs. Supply Voltage
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
4
8
12
16
20
Supply Voltage (V)
VIH
VIL
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIL
VIH
0
10
20
30
40
50
60
70
80
4
6
8
10
12
14
16
18
Supply Voltage (V)
IN+ to OUT (falling to falling)
IN+ to OUT (rising to rising)
16
18
20
22
24
26
28
30
32
34
-50
-25
0
25
50
75
100
125
Temperature (°C)
IN+ to OUT (
rising to rising)
IN+ to OUT (
falling to falling)
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
Supply Voltage (V)
CL = 6.8 nF
CL = 4.7 nF
CL = 3.3 nF
CL = 2.2 nF
CL = 1.0 nF
0
20
40
60
80
100
120
140
0
5
10
15
20
Supply Voltage (V)
CL = 6.8 nF
CL = 4.7 nF
CL = 3.3 nF
CL = 2.2 nF
CL = 1.0 nF


Numéro de pièce similaire - FAN3180

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN3180 ONSEMI-FAN3180 Datasheet
1Mb / 19P
   Single 2-A Low-Side Driver with 3.3-V LDO
June 2013 Rev. 1.0.3
FAN3180TSX ONSEMI-FAN3180TSX Datasheet
1Mb / 19P
   Single 2-A Low-Side Driver with 3.3-V LDO
June 2013 Rev. 1.0.3
More results

Description similaire - FAN3180

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN3180 ONSEMI-FAN3180 Datasheet
1Mb / 19P
   Single 2-A Low-Side Driver with 3.3-V LDO
June 2013 Rev. 1.0.3
logo
Diodes Incorporated
DGD0280WTQ DIODES-DGD0280WTQ Datasheet
928Kb / 11P
   AUTOMOTIVE LOW SIDE SINGLE GATE DRIVER WITH LDO
Rev. 2 - 2 December 2022
DGD0280 DIODES-DGD0280 Datasheet
644Kb / 11P
   HIGH SPEED LOW SIDE SINGLE GATE DRIVER WITH LDO
September 2019
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
FAN3100C ONSEMI-FAN3100C Datasheet
1Mb / 21P
   Single 2 A High-Speed, Low-Side Gate Driver
December-2017, Rev . 2
logo
Texas Instruments
UCC44273 TI-UCC44273 Datasheet
1Mb / 28P
[Old version datasheet]   UCC44273 4-A, 4-A Single-Channel Low-Side Driver with 5-V UVLO
OCTOBER 2023
UCC27710 TI1-UCC27710 Datasheet
1Mb / 33P
[Old version datasheet]   620-V, 0.5-A, 1.0-A High-Side Low-Side Gate Driver with Interlock
UCC27712 TI1-UCC27712 Datasheet
1Mb / 39P
[Old version datasheet]   620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27614 TI-UCC27614_V01 Datasheet
3Mb / 39P
[Old version datasheet]   UCC27614 30-V, 10-A Single Channel Low Side Gate Driver with ??0-V Input Capability
JANUARY 2022
UCC27614 TI-UCC27614 Datasheet
2Mb / 36P
[Old version datasheet]   UCC27614 30-V, 10-A Single Channel Low Side Gate Driver with ??0-V Input Capability
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com