Moteur de recherche de fiches techniques de composants électroniques |
|
CAT28C256GI12 Fiches technique(PDF) 3 Page - ON Semiconductor |
|
CAT28C256GI12 Fiches technique(HTML) 3 Page - ON Semiconductor |
3 / 14 page CAT28C256 http://onsemi.com 3 Table 1. ABSOLUTE MAXIMUM RATINGS Parameters Ratings Units Temperature Under Bias –55 to +125 °C Storage Temperature –65 to +150 °C Voltage on Any Pin with Respect to Ground (Note 1) –2.0 V to +VCC + 2.0 V V VCC with Respect to Ground −2.0 to +7.0 V Package Power Dissipation Capability (TA = 25°C) 1.0 W Lead Soldering Temperature (10 secs) 300 °C Output Short Circuit Current (Note 2) 100 mA Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. The minimum DC input voltage is −0.5 V. During transitions, inputs may undershoot to −2.0 V for periods of less than 20 ns. Maximum DC voltage on output pins is VCC + 0.5 V, which may overshoot to VCC + 2.0 V for periods of less than 20 ns. 2. Output shorted for no more than one second. No more than one output shorted at a time. Table 2. RELIABILITY CHARACTERISTICS (Note 3) Symbol Parameter Test Method Min Max Units NEND Endurance MIL−STD−883, Test Method 1033 100,000 Cycles/Byte TDR Data Retention MIL−STD−883, Test Method 1008 100 Years VZAP ESD Susceptibility MIL−STD−883, Test Method 3015 2,000 V ILTH (Note 4) Latch−Up JEDEC Standard 17 100 mA 3. These parameters are tested initially and after a design or process change that affects the parameters. 4. Latch−up protection is provided for stresses up to 100 mA on address and data pins from −1 V to VCC + 1 V. Table 3. D.C. OPERATING CHARACTERISTICS (VCC = 5 V ±10%, unless otherwise specified.) Symbol Parameter Test Conditions Limits Units Min Typ Max ICC VCC Current (Operating, TTL) CE = OE = VIL, f = 8 MHz, All I/O’s Open 30 mA ICCC (Note 5) VCC Current (Operating, CMOS) CE = OE = VILC, f = 8 MHz, All I/O’s Open 25 mA ISB VCC Current (Standby, TTL) CE = VIH, All I/O’s Open 1 mA ISBC (Note 6) VCC Current (Standby, CMOS) CE = VIHC, All I/O’s Open 150 mA ILI Input Leakage Current VIN = GND to VCC −10 10 mA ILO Output Leakage Current VOUT = GND to VCC, CE = VIH −10 10 mA VIH (Note 6) High Level Input Voltage 2 VCC + 0.3 V VIL (Note 5) Low Level Input Voltage −0.3 0.8 V VOH High Level Output Voltage IOH = −400 mA 2.4 V VOL Low Level Output Voltage IOL = 2.1 mA 0.4 V VWI Write Inhibit Voltage 3.5 V 5. VILC = −0.3 V to +0.3 V. 6. VIHC = VCC −0.3 V to VCC + 0.3 V. |
Numéro de pièce similaire - CAT28C256GI12 |
|
Description similaire - CAT28C256GI12 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |