Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0W344-005-XTP Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce 0W344-005-XTP
Description  1.0 Genral Description
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

0W344-005-XTP Fiches technique(HTML) 5 Page - ON Semiconductor

  0W344-005-XTP Datasheet HTML 1Page - ON Semiconductor 0W344-005-XTP Datasheet HTML 2Page - ON Semiconductor 0W344-005-XTP Datasheet HTML 3Page - ON Semiconductor 0W344-005-XTP Datasheet HTML 4Page - ON Semiconductor 0W344-005-XTP Datasheet HTML 5Page - ON Semiconductor 0W344-005-XTP Datasheet HTML 6Page - ON Semiconductor 0W344-005-XTP Datasheet HTML 7Page - ON Semiconductor 0W344-005-XTP Datasheet HTML 8Page - ON Semiconductor 0W344-005-XTP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
BelaSigna 200
digital pads of BelaSigna 200 itself. Analog ground returns associated with the audio output stage should connect back to the star point
on separate individual traces.
For more information on the recommended ground design strategy, see Table 1.
In some designs, space constraints may make separate ground planes impractical. In this case a star configuration strategy should be
used. Each analog ground return should connect to the star point with separate traces.
3.2 Internal Power Supplies
Power management circuitry in BelaSigna 200 generates separate digital (VDDC) and analog (VREG, VDBL) regulated supplies. Each
supply requires an external decoupling capacitor, even if the supply is not used externally. Decoupling capacitors should be placed as
close as possible to the power pads. Further details are provided in Table 1. Non-critical signals are outlined in Table 2.
Table 1: Critical Signal
Pin Name
Description
Routing Guideline
VBAT
Power supply
Place 1μF (min) decoupling capacitor close to pin. Connect negative
terminal of capacitor to DGND plane.
VREG, VDBL
Internal regulator for analog
sections
Place separate 1μF decoupling capacitors close to each pin. Connect
negative capacitor terminal to AGND. Keep away from digital traces and
output traces. VREG may be used to generate microphone bias. VDBL
shall not be used to supply external circuitry.
AGND
Analog ground return
Connect to AGND plane.
VDDC
Internal regulator for digital
sections
Place 10μF decoupling capacitor close to pin. Connect negative terminal
of capacitor to DGND. Should be connected to VDDO pins and to
EEPROM power.
GNDO, GNDC
Digital ground return (pads and
core)
Connect to digital ground.
AI0, AI1 / LOUT, AI2, AI3
Microphone inputs
Keep as short as possible. Keep away from all digital traces and audio
outputs. Avoid routing in parallel with other traces. Connect unused inputs
to AGND.
AIR
Input stage reference voltage
Connect to AGND. If no analog ground plane, should share trace with
microphone grounds to star point.
AO0, AO1
Analog audio output
Keep away from microphone inputs.
RCVR0+, RCVR0-, RCVR1+,
RCVR1-
Direct digital audio output
Keep away from analog traces, particularly microphone inputs.
Corresponding traces should be of approximately the same length.
AOR
Output stage reference voltage
Connect to star point. Share trace with power amplifier (if present).
RCVRGND
Output stage ground return
Connect to star point.
EXT_CLK
External clock input / internal
clock output
Minimize trace length. Keep away from analog signals. If possible,
surround with digital ground.
AI_RC
Infrared receiver input
If used, minimize trace length to photodiode.
Rev. 16 | Page 5 of 43 | www.onsemi.com


Numéro de pièce similaire - 0W344-005-XTP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
0W344-005-XTP ONSEMI-0W344-005-XTP Datasheet
1Mb / 43P
   DSP
June 2008 ??Rev. 16
More results

Description similaire - 0W344-005-XTP

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Luguang Electr...
RL251 LUGUANG-RL251 Datasheet
286Kb / 3P
   Genral Purpose Plastic Rectifier
RL251 LUGUANG-RL251_V01 Datasheet
774Kb / 3P
   Genral Purpose Plastic Rectifier
logo
Texas Instruments
LMV331 TI-LMV331_05 Datasheet
534Kb / 17P
[Old version datasheet]   GENRAL-PURPOSE LOW-VOLTAGE COMPARATORS
logo
ISOCOM COMPONENTS
ICPL0600 ISOCOM-ICPL0600 Datasheet
608Kb / 13P
   DESCRIPTION
ICPL2630 ISOCOM-ICPL2630_12 Datasheet
684Kb / 9P
   DESCRIPTION
logo
Japan Aviation Electron...
SJ109548 JAE-SJ109548 Datasheet
110Kb / 1P
   DESCRIPTION
logo
Cherry Semiconductor Co...
0609-0760 CHERRY-0609-0760 Datasheet
6Mb / 8P
   Description
logo
ISOCOM COMPONENTS
ICPL0452 ISOCOM-ICPL0452 Datasheet
547Kb / 10P
   DESCRIPTION
logo
Exar Corporation
SP6205EM5-L-3-3 EXAR-SP6205EM5-L-3-3 Datasheet
1Mb / 14P
   GENERAL DESCRIPTION
logo
Alpha & Omega Semicondu...
AOWF12N60 AOSMD-AOWF12N60 Datasheet
114Kb / 1P
   Marking Description
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com