Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2511QDGNQ1 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2511QDGNQ1
Description  USB Dedicated Charging Port Controller and Current Limiting Power Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2511QDGNQ1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS2511QDGNQ1 Datasheet HTML 4Page - Texas Instruments TPS2511QDGNQ1 Datasheet HTML 5Page - Texas Instruments TPS2511QDGNQ1 Datasheet HTML 6Page - Texas Instruments TPS2511QDGNQ1 Datasheet HTML 7Page - Texas Instruments TPS2511QDGNQ1 Datasheet HTML 8Page - Texas Instruments TPS2511QDGNQ1 Datasheet HTML 9Page - Texas Instruments TPS2511QDGNQ1 Datasheet HTML 10Page - Texas Instruments TPS2511QDGNQ1 Datasheet HTML 11Page - Texas Instruments TPS2511QDGNQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
4
3.2
2.4
1.6
0.8
0
-0.8
8
6
4
2
0
-2
-4
Time - s
-2m
-1m
0
1m
2m
3m
OUT
VIN
IOUT
V
= 5 V, C
= 22
F, R
= 22.1 k , R = 2.5
IN
OUT
ILIM_SET
L
m
W
W
8
6
4
2
0
-2
-4
-6
Time - s
-6m
-4m
-2m
0
-2m
-4m
-6m
-8m
-10m -12m
-14m
4.8
4
3.2
2.4
1.6
0.8
0
-0.8
OUT
VIN
IOUT
V
= 5 V, C
= 22
F, R
= 22.1 k , R = 2.5
IN
OUT
ILIM_SET
L
m
W
W
Time - s
6
4
2
0
-2
-4m
-2m
0
2m
4m
6m
OUT
DP
DM
EN
V
= 5 V, C
= 22
F, R
= 22.1 k , R = 2.5
IN
OUT
ILIM_SET
L
m
W
W
Time - s
-4m
-2m
0
2m
4m
6m
6
4
2
0
-2
V
= 5 V, C
= 22
F, R
= 2.5
IN
OUT
L
m
W
OUT
DP
DM
EN
Time - s
-4m
-2m
0
2m
4m
3m
4
3.2
2.4
1.6
0.8
0
-0.8
8
6
4
2
0
-2
-4
OUT
EN
CS
IOUT
V
= 5 V, C
= 22
F, R
= 22.1 k , R = 2.5
IN
OUT
ILIM_SET
L
m
W
W
8
6
4
2
0
-2
-4
-6
4.8
4
3.2
2.4
1.6
0.8
0
-0.8
-9m
-7m
-5m
-3m
-1m
1m
OUT
EN
CS
IOUT
V
= 5 V, C
= 22
F, R
= 22.1 k , R = 2.5
IN
OUT
ILIM_SET
L
m
W
W
Time - s
TPS2511-Q1
SLUSBK5A – JUNE 2013 – REVISED JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS
Figure 6. Turn on Delay and Rise Time With 22-µF Load
Figure 7. Turn off Delay and Fall Time With 22-µF Load
Figure 8. Enable into 2.5-
Ω Load
Figure 9. Disable with 2.5-
Ω Load
Figure 10. Power Up – Enabled
Figure 11. Power Down – Enabled
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TPS2511-Q1


Numéro de pièce similaire - TPS2511QDGNQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2511QDGNQ1 TI1-TPS2511QDGNQ1 Datasheet
1Mb / 28P
[Old version datasheet]   USB Dedicated Charging Port Controller and Current Limiting Power Switch
More results

Description similaire - TPS2511QDGNQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2511 TI1-TPS2511_14 Datasheet
1Mb / 28P
[Old version datasheet]   USB Dedicated Charging Port Controller and Current Limiting Power Switch
TPS2511 TI1-TPS2511 Datasheet
898Kb / 26P
[Old version datasheet]   USB Dedicated Charging Port Controller and Current Limiting Power Switch
TPS2511-Q1 TI1-TPS2511-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   USB Dedicated Charging Port Controller and Current Limiting Power Switch
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
   USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
   USB dedicated charging port controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513 TI1-TPS2513 Datasheet
1Mb / 16P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com