Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2115PW Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2115PW
Description  AUTOSWITCHING POWER MULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2115PW Fiches technique(HTML) 5 Page - Texas Instruments

  TPS2115PW Datasheet HTML 1Page - Texas Instruments TPS2115PW Datasheet HTML 2Page - Texas Instruments TPS2115PW Datasheet HTML 3Page - Texas Instruments TPS2115PW Datasheet HTML 4Page - Texas Instruments TPS2115PW Datasheet HTML 5Page - Texas Instruments TPS2115PW Datasheet HTML 6Page - Texas Instruments TPS2115PW Datasheet HTML 7Page - Texas Instruments TPS2115PW Datasheet HTML 8Page - Texas Instruments TPS2115PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
TPS2114
TPS2115
SLVS447A – DECEMBER 2002 – REVISED MARCH 2004
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
TPS2115
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
UNDERVOLTAGE LOCKOUT
Falling edge
1.15
1.25
IN1 and IN2 UVLO
V
Rising edge
1.30
1.35
IN1 and IN2 UVLO hysteresis(2)
30
57
65
mV
Falling edge
24
2.53
Internal VDD UVLO (the higher of IN1 and IN2)
V
Rising edge
2.58
2.8
Internal VDD UVLO hysteresis
(2)
30
50
75
mV
UVLO deglitch for IN1, IN2(2)
Falling edge
110
µs
REVERSE CONDUCTION BLOCKING
D0 = D1 = high, VI(INx) = 3.3 V. Connect OUT to a 5
Minimum output-to-input voltage
V supply through a series 1-k
Ω resistor. Let
∆V
O(I_block)
80
100
120
mV
difference to block switching
D0 = low. Slowly decrease the supply voltage until
OUT connects to IN1.
THERMAL SHUTDOWN
Thermal shutdown threshold(2)
TPS211x is in current limit.
135
Recovery from thermal shutdown(2)
TPS211x is in current limit.
125
°C
Hysteresis(2)
10
IN2-IN1 COMPARATORS
Hysteresis of IN2-IN1 comparator
0.1
0.2
V
Deglitch of IN2-IN1 comparator, (both
↑↓ )(2)
90
150
220
µs
STAT OUTPUT
Leakage current
VO(STAT) = 5.5 V
0.01
1
µA
Saturation voltage
II(STAT) = 2 mA, IN1 switch is on
0.13
0.4
V
Deglitch time (falling edge only)
150
µs
(2)
Not tested in production.
5


Numéro de pièce similaire - TPS2115PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2115PW TI-TPS2115PW Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results

Description similaire - TPS2115PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com