Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2115ADRBR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2115ADRBR
Description  AUTOSWITCHING POWER MUX
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2115ADRBR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS2115ADRBR Datasheet HTML 3Page - Texas Instruments TPS2115ADRBR Datasheet HTML 4Page - Texas Instruments TPS2115ADRBR Datasheet HTML 5Page - Texas Instruments TPS2115ADRBR Datasheet HTML 6Page - Texas Instruments TPS2115ADRBR Datasheet HTML 7Page - Texas Instruments TPS2115ADRBR Datasheet HTML 8Page - Texas Instruments TPS2115ADRBR Datasheet HTML 9Page - Texas Instruments TPS2115ADRBR Datasheet HTML 10Page - Texas Instruments TPS2115ADRBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Q2isON
1
STAT
Control
Logic
D1
D0
UVLO(IN1)
UVLO(IN2)
UVLO(VDD)
Q2isON
Q1isON
_
+
_
+
+
0.6 V
EN2
EN1
Cross-Conduction
Detector
_
+
Q2
Q1
Charge
Pump
0.5 V
TPS2114A:k=0.2%
TPS2115A:k=0.1%
k* IO(OUT)
_
+
VO(OUT) > VI(INx)
+
100mV
_
+
IO(OUT)
Vf =0 V
EN1
IN2
IN1
7
4
OUT
ILIM
Internal VDD
Vf =0 V
VDD
ULVO
Thermal
Sense
1 mA
IN2
ULVO
1 mA
IN1
ULVO
8
6
2
3
5
IN1
IN2
D0
D1
GND
TPS2114A
TPS2115A
www.ti.com
SBVS044F – MARCH 2004 – REVISED MAY 2012
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2004–2012, Texas Instruments Incorporated
7


Numéro de pièce similaire - TPS2115ADRBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results

Description similaire - TPS2115ADRBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com