Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS1100D Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS1100D
Description  SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1100D Fiches technique(HTML) 4 Page - Texas Instruments

  TPS1100D Datasheet HTML 1Page - Texas Instruments TPS1100D Datasheet HTML 2Page - Texas Instruments TPS1100D Datasheet HTML 3Page - Texas Instruments TPS1100D Datasheet HTML 4Page - Texas Instruments TPS1100D Datasheet HTML 5Page - Texas Instruments TPS1100D Datasheet HTML 6Page - Texas Instruments TPS1100D Datasheet HTML 7Page - Texas Instruments TPS1100D Datasheet HTML 8Page - Texas Instruments TPS1100D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TPS1100, TPS1100Y
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS078C – DECEMBER 1993 – REVISED AUGUST 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TJ = 25°C (unless otherwise noted)
static
PARAMETER
TEST CONDITIONS
TPS1100
TPS1100Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VGS(th)
Gate-to-source
threshold voltage
VDS = VGS,
ID = – 250 µA
–1
– 1.25
– 1.50
– 1.25
V
VSD
Source-to-drain voltage
(diode-forward
voltage)†
IS = – 1 A,
VGS = 0 V
– 0.9
– 0.9
V
IGSS
Reverse gate current,
drain short circuited to
source
VDS = 0 V,
VGS = – 12 V
±100
nA
IDSS
Zero-gate-voltage drain
VDS =12 V
VGS =0V
TJ = 25°C
– 0.5
µA
IDSS
gg
current
VDS = – 12 V,
VGS = 0 V
TJ = 125°C
–10
µA
VGS = – 10 V
ID = – 1.5 A
180
180
rDS( )
Static drain-to-source
VGS = – 4.5 V
ID = – 0.5 A
291
400
291
m
rDS(on)
on-state resistance†
VGS = – 3 V
ID =0 2 A
476
700
476
m
VGS = – 2.7 V
ID = – 0.2 A
606
850
606
gfs
Forward
transconductance†
VDS = – 10 V,
ID = – 2 A
2.5
2.5
S
† Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2%
dynamic
PARAMETER
TEST CONDITIONS
TPS1100, TPS1100Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Qg
Total gate charge
5.45
Qgs
Gate-to-source charge
VDS = – 10 V,
VGS = – 10 V,
ID = – 1 A
0.87
nC
Qgd
Gate-to-drain charge
1.4
td(on)
Turn-on delay time
4.5
ns
td(off)
Turn-off delay time
VDD = – 10 V,
RL = 10 Ω,ID = – 1 A,
13
ns
tr
Rise time
DD
,
RG = 6 Ω,
L
,
See Figures 1 and 2
D
,
10
tf
Fall time
2
ns
trr(SD)
Source-to-drain reverse recovery time
IF = 5.3 A,
di/dt = 100 A /
µs
16


Numéro de pièce similaire - TPS1100D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS1100D TI-TPS1100D Datasheet
155Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
VBsemi Electronics Co.,...
TPS1100DRG4 VBSEMI-TPS1100DRG4 Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
More results

Description similaire - TPS1100D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS1101 TI-TPS1101 Datasheet
161Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100 TI-TPS1100 Datasheet
155Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1101 TI1-TPS1101_12 Datasheet
495Kb / 13P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Dongguan City Niuhang E...
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
   P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Texas Instruments
TPS1120 TI-TPS1120 Datasheet
180Kb / 12P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120 TI1-TPS1120_08 Datasheet
379Kb / 15P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4953M SSC-SSM4953M Datasheet
115Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com