Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPL5000DGST Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPL5000DGST
Description  TPL5000 Nano Power Programmable Timer with Watchdog Functionality
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5000DGST Fiches technique(HTML) 1 Page - Texas Instruments

  TPL5000DGST Datasheet HTML 1Page - Texas Instruments TPL5000DGST Datasheet HTML 2Page - Texas Instruments TPL5000DGST Datasheet HTML 3Page - Texas Instruments TPL5000DGST Datasheet HTML 4Page - Texas Instruments TPL5000DGST Datasheet HTML 5Page - Texas Instruments TPL5000DGST Datasheet HTML 6Page - Texas Instruments TPL5000DGST Datasheet HTML 7Page - Texas Instruments TPL5000DGST Datasheet HTML 8Page - Texas Instruments TPL5000DGST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
D0
D1
TPL5000
D2
VDD
PGOOD
RSTn
WAKE
TCAL
GND
DONE
VIN
POWER MANAGEMENT
VOUT VBAT_OK
GND
Rp
100k
RST
µC
GPIO
GPIO
VDD
GPIO
GND
TPL5000
www.ti.com
SNAS628A – JULY 2013 – REVISED JULY 2013
TPL5000 Nano Power Programmable Timer with Watchdog Functionality
Check for Samples: TPL5000
1
FEATURES
DESCRIPTION
The TPL5000 is a long-term timer IC optimized for
Supply Voltage from1.8V to 5.0V
low power applications. The TPL5000 can replace a
Current Consumption 30nA (typ, at 2.5V)
micro controller's (µC) internal timer, allowing the µC
Watchdog Functionality
to stay in low power sleep mode instead of running a
timer, providing a total power consumption reduction
Reset Functionality
of 60 to 80%. The TPL5000 is designed for use in
Selectable Timer Intervals 1s to 64s
interrupt-driven applications and provides selectable
timing from 1 second to 64 seconds. Some Standards
APPLICATIONS
(i.e. EN50271) require implementation of a watchdog
function
for
safety.
The
TPL5000
realizes
this
Battery powered systems
watchdog
function
without
consuming
additional
Energy harvesting systems
power. The TPL5000 can also monitor a battery
Remote data-logger
management IC via a power-good digital input and
reset the µC if necessary. The device is packaged in
Sensor node
a 10-pin VSSOP package.
Building automation
Consumer electronic
Low power wireless
Safety and security platforms
Simplified Application Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPL5000DGST

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
[Old version datasheet]   Nano-Power Programmable Timer
More results

Description similaire - TPL5000DGST

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL5000 TI-TPL5000 Datasheet
740Kb / 15P
[Old version datasheet]   TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5100 TI1-TPL5100 Datasheet
859Kb / 20P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
   Programmable watchdog timer
September 2013 Rev 7
logo
Texas Instruments
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPS3431 TI1-TPS3431 Datasheet
1Mb / 30P
[Old version datasheet]   Standard Programmable Watchdog Timer with Enable
TPL5100 TI-TPL5100 Datasheet
748Kb / 14P
[Old version datasheet]   TPL5100 Nano Power Programmable Timer with MOS driver
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3431-Q1 TI1-TPS3431-Q1 Datasheet
944Kb / 28P
[Old version datasheet]   Automotive Standard Programmable Watchdog Timer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com