Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP300BIDCKT Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP300BIDCKT
Description  1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP300BIDCKT Fiches technique(HTML) 1 Page - Texas Instruments

  TMP300BIDCKT Datasheet HTML 1Page - Texas Instruments TMP300BIDCKT Datasheet HTML 2Page - Texas Instruments TMP300BIDCKT Datasheet HTML 3Page - Texas Instruments TMP300BIDCKT Datasheet HTML 4Page - Texas Instruments TMP300BIDCKT Datasheet HTML 5Page - Texas Instruments TMP300BIDCKT Datasheet HTML 6Page - Texas Instruments TMP300BIDCKT Datasheet HTML 7Page - Texas Instruments TMP300BIDCKT Datasheet HTML 8Page - Texas Instruments TMP300BIDCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
R
PULL-UP
210kW
(1)
R
SET
T
SET
OUT
V+
HYST
SET
V
TEMP
TMP300
3mA
Proportional
toT
A
NOTE:(1)Thinfilmresistorwithapproximately10%accuracy;
however,thisaccuracyerroristrimmedoutatthefactory.
1
2
3
6
5
4
V+
V
TEMP
HYST
SET
T
SET
GND
OUT
TMP300
SC70-6,SOT23-6
TMP300
www.ti.com
SBOS335C – JUNE 2005 – REVISED JANUARY 2011
1.8V, Resistor-Programmable
TEMPERATURE SWITCH and
ANALOG OUT TEMPERATURE SENSOR in SC70
Check for Samples: TMP300
1
FEATURES
DESCRIPTION
2
ACCURACY: ±1°C (typical at +25°C)
The TMP300 is a low-power, resistor-programmable,
digital output temperature switch. It allows a threshold
PROGRAMMABLE TRIP POINT
point to be set by adding an external resistor. Two
PROGRAMMABLE HYSTERESIS: 5°C/10°C
levels of hysteresis are available. The TMP300 has a
OPEN-DRAIN OUTPUTS
VTEMP analog output that can be used as a testing
LOW-POWER: 110mA (max)
point or in temperature-compensation loops.
WIDE VOLTAGE RANGE: +1.8V to +18V
With a supply voltage as low as 1.8V and low current
consumption, the TMP300 is ideal for power-sensitive
OPERATION: –40°C to +150°C
systems.
ANALOG OUT: 10mV/°C
Available in two micropackages that have proven
SC70-6 AND SOT23-6 PACKAGES
thermal characteristics, this part gives a complete and
simple solution for users who need simple and
APPLICATIONS
reliable thermal management.
POWER-SUPPLY SYSTEMS
DC-DC MODULES
THERMAL MONITORING
ELECTRONIC PROTECTION SYSTEMS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TMP300BIDCKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP300BIDCKT TI1-TMP300BIDCKT Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
More results

Description similaire - TMP300BIDCKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
LM57 TI-LM57_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com