Moteur de recherche de fiches techniques de composants électroniques |
|
TLC27M4BID Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
TLC27M4BID Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 50 page TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9 SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012 www.ti.com ELECTRICAL CHARACTERISTICS at specified free-air temperature, VDD = 5 V (unless otherwise noted) TLC27M4C TLC27M4AC TLC27M4BC PARAMETER TEST CONDITIONS TA (1) UNIT TLC27M9C MIN TYP MAX 25°C 1.1 10 VO = 1.4 V, VIC = 0, TLC27M4C RS = 50 Ω, RL = 100 kΩ Full range 12 mV 25°C 0.9 5 VO = 1.4 V, VIC = 0, TLC27M4AC RS = 50 Ω, RL = 100 kΩ Full range 6.5 VIO Input offset voltage 25°C 250 2000 VO = 1.4 V, VIC = 0, TLC274BC RS = 50 Ω, RL = 100 kΩ Full range 3000 µV 25°C 210 900 VO = 1.4 V, VIC = 0, TLC279C RS = 50 Ω, RL = 100 kΩ Full range 1500 Average temperature coefficient of input αVIO 25°C to 70°C 1.7 µV/°C offset voltage 25°C 0.1 IIO Input offset current(2) VO = 2.5 V, VIC = 2.5 V pA 70°C 7 300 25°C 0.6 IIB Input bias current(2) VO = 2.5 V, VIC = 2.5 V pA 70°C 40 600 –0.2 –0.3 25°C to to V 4 4.2 VICR Common-mode input voltage range(3) –0.2 Full range to V 3.5 25°C 3.2 3.9 VOH High-level output voltage VID = 100 mV, RL = 100 kΩ 0°C 3 3.9 V 70°C 3 4 25°C 0 50 VOL Low-level output voltage VID = –100 mV, IOL = 0 0°C 0 50 mV 70°C 0 50 25°C 25 170 Large-signal differential voltage AVD VO = 0.25 V to 2 V, RL = 100 kΩ 0°C 15 200 V/mV amplification 70°C 15 140 25°C 65 91 CMRR Common-mode rejection ratio VIC = VICRmin 0°C 60 91 dB 70°C 60 92 25°C 70 93 Supply-voltage rejection ratio kSVR VDD = 5 V to 10 V, VO = 1.4 V 0°C 60 92 dB ( ΔVDD/ΔVIO) 70°C 60 94 25°C 420 1120 VO = 2.5 V, IDD Supply current (four amplifiers) VIC = 2.5 V, 0°C 500 1280 µA No load 70°C 340 880 (1) Full range is 0°C to 70°C. (2) The typical values of input bias current and input offset current below 5 pA were determined mathematically. (3) This range also applies to each input individually. 6 Submit Documentation Feedback Copyright © 1987–2012, Texas Instruments Incorporated Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9 |
Numéro de pièce similaire - TLC27M4BID |
|
Description similaire - TLC27M4BID |