Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS00NE4 Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
SN74LS00NE4 Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 25 page SN5400, SN54LS00, SN54S00 SN7400, SN74LS00, SN74S00 QUADRUPLE 2INPUT POSITIVENAND GATES SDLS025B − DECEMBER 1983 − REVISED OCTOBER 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature (unless otherwise noted)† Supply voltage, VCC (see Note 1) 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage: ’00, ’S00 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ’LS00 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): D package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DB package 96 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 80 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 76 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PS package 95 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. Voltage values are with respect to network ground terminal. 2. The package termal impedance is calculated in accordance with JESD 51-7. recommended operating conditions (see Note 3) SN5400 SN7400 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.75 5 5.25 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V IOH High-level output current −0.4 −0.4 mA IOL Low-level output current 16 16 mA TA Operating free-air temperature −55 125 0 70 °C NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS‡ SN5400 SN7400 UNIT PARAMETER TEST CONDITIONS‡ MIN TYP§ MAX MIN TYP§ MAX UNIT VIK VCC = MIN, II = −12 mA −1.5 −1.5 V VOH VCC = MIN, VIL = 0.8 V, IOH = −0.4 mA 2.4 3.4 2.4 3.4 V VOL VCC = MIN, VIH = 2 V, IOL = 16 mA 0.2 0.4 0.2 0.4 V II VCC = MAX, VI = 5.5 V 1 1 mA IIH VCC = MAX, VI = 2.4 V 40 40 µA IIL VCC = MAX, VI = 0.4 V −1.6 −1.6 mA IOS¶ VCC = MAX −20 −55 −18 −55 mA ICCH VCC = MAX, VI = 0 V 4 8 4 8 mA ICCL VCC = MAX, VI = 4.5 V 12 22 12 22 mA ‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. § All typical values are at VCC = 5 V, TA = 25°C. ¶ Not more than one output should be shorted at a time. |
Numéro de pièce similaire - SN74LS00NE4 |
|
Description similaire - SN74LS00NE4 |