Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C51 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce BZX55C51
Description  Small Signal Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX55C51 Fiches technique(HTML) 1 Page - Vishay Siliconix

  BZX55C51 Datasheet HTML 1Page - Vishay Siliconix BZX55C51 Datasheet HTML 2Page - Vishay Siliconix BZX55C51 Datasheet HTML 3Page - Vishay Siliconix BZX55C51 Datasheet HTML 4Page - Vishay Siliconix BZX55C51 Datasheet HTML 5Page - Vishay Siliconix BZX55C51 Datasheet HTML 6Page - Vishay Siliconix BZX55C51 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BZX55-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 25-Nov-11
1
Document Number: 85604
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Zener Diodes
FEATURES
• Very sharp reverse characteristic
• Low reverse current level
• Very high stability
•Low noise
• AEC-Q101 qualified
• Compliant to RoHS Directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21 definition
APPLICATIONS
• Voltage stabilization
PRIMARY CHARACTERISTICS
PARAMETER
VALUE
UNIT
VZ range nom.
2.4 to 75
V
Test current IZT
2.5; 5
mA
VZ specification
Pulse current
Int. construction
Single
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
MINIMUM ORDER QUANTITY
BZX55-series
BZX55-series-TR
10 000 per 13" reel
30 000/box
BZX55-series
BZX55-series-TAP
10 000 per ammopack
(52 mm tape)
30 000/box
PACKAGE
PACKAGE NAME
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING
CONDITIONS
DO-35
125 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
l = 4 mm, TL = 25 °C
Ptot
500
mW
Zener current
IZ
Ptot/VZ
mA
Junction to ambient air
l = 4 mm, TL = constant
RthJA
300
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C
Forward voltage (max.)
IF = 200 mA
VF
1.5
V


Numéro de pièce similaire - BZX55C51

FabricantNo de pièceFiches techniqueDescription
logo
Microdiode Electronics ...
BZX55C51 CHENDA-BZX55C51 Datasheet
695Kb / 3P
   Low zener impedance
logo
Vishay Siliconix
BZX55C51 VISHAY-BZX55C51 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
RFE international
BZX55C51 RFE-BZX55C51 Datasheet
1Mb / 2P
   Zener Diodes BZX Series
06-06-2022
logo
Rectron Semiconductor
BZX55C51 RECTRON-BZX55C51 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Gaomi Xinghe Electronic...
BZX55C51 GXELECTRONICS-BZX55C51 Datasheet
102Kb / 3P
   Silicon Planar Zener Diodes
More results

Description similaire - BZX55C51

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com