Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C12 Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce BZX55C12
Description  Small Signal Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX55C12 Fiches technique(HTML) 6 Page - Vishay Siliconix

  BZX55C12 Datasheet HTML 1Page - Vishay Siliconix BZX55C12 Datasheet HTML 2Page - Vishay Siliconix BZX55C12 Datasheet HTML 3Page - Vishay Siliconix BZX55C12 Datasheet HTML 4Page - Vishay Siliconix BZX55C12 Datasheet HTML 5Page - Vishay Siliconix BZX55C12 Datasheet HTML 6Page - Vishay Siliconix BZX55C12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BZX55-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 25-Nov-11
6
Document Number: 85604
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters (inches): DO-35
94 9366
26 (1.024) min.
3.9 (0.154) max.
26 (1.024) min.
Cathode identification
Rev. 6 - Date: 29. January 2007
Document no.: 6.560-5004.02-4


Numéro de pièce similaire - BZX55C12

FabricantNo de pièceFiches techniqueDescription
logo
Continental Device Indi...
BZX55C12 CDIL-BZX55C12 Datasheet
104Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C12 VISHAY-BZX55C12 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Zibo Seno Electronic En...
BZX55C12 ZSELEC-BZX55C12 Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
First Components Intern...
BZX55C12 FCI-BZX55C12 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
logo
Shenzhen Luguang Electr...
BZX55C12 LUGUANG-BZX55C12 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - BZX55C12

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com