Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3803G15QDCKRQ1 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3803G15QDCKRQ1
Description  VOLTAGE DETECTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3803G15QDCKRQ1 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS3803G15QDCKRQ1 Datasheet HTML 1Page - Texas Instruments TPS3803G15QDCKRQ1 Datasheet HTML 2Page - Texas Instruments TPS3803G15QDCKRQ1 Datasheet HTML 3Page - Texas Instruments TPS3803G15QDCKRQ1 Datasheet HTML 4Page - Texas Instruments TPS3803G15QDCKRQ1 Datasheet HTML 5Page - Texas Instruments TPS3803G15QDCKRQ1 Datasheet HTML 6Page - Texas Instruments TPS3803G15QDCKRQ1 Datasheet HTML 7Page - Texas Instruments TPS3803G15QDCKRQ1 Datasheet HTML 8Page - Texas Instruments TPS3803G15QDCKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
GND
V
DD
RESET
SENSE
NC
(1)
NC
2
3
4
1
5
DCK PACKAGE
(TOP VIEW)
NC – No connection
(1) SENSE on TPS3803-01, TPS3805H33
NC on TPS3803G15
RESET
V
D D
SENSE
GND
DV
DD
CV
D D
RESET
GND
3.3 V
1.6 V
R1
R2
TPS3805H33
TMS320VC5416
TPS3803-01-Q1
TPS3803G15-Q1
TPS3805H33-Q1
SGLS228B – DECEMBER 2003 – REVISED JANUARY 2008
www.ti.com
VOLTAGE DETECTORS
• Applications Using DSPs, Microcontrollers, or
• Qualified for Automotive Applications
Microprocessors
• Single Voltage Detector (TPS3803):
• Wireless Communication Systems
Adjustable/1.5 V
• Portable/Battery-Powered Equipment
• Dual Voltage Detector (TPS3805):
• Programmable Controls
Adjustable/3.3 V
• Intelligent Instruments
• High ±1.5% Threshold Voltage Accuracy
• Industrial Equipment
• Supply Current: 3 µA Typical at V
DD = 3.3 V
• Notebook/Desktop Computers
• Push/Pull Reset Output (TPS3805),
• Automotive Systems
Open-Drain Reset Output (TPS3803)
• Temperature Range: –40°C to 125°C
• 5-Pin SC-70 Package
The TPS3803 and TPS3805 families of supervisory
circuits
provide
circuit
initialization
and
timing
supervision, primarily for DSPs and processor-based
systems.
The TPS3803G15 device has a fixed-sense threshold
voltage VIT set by an internal voltage divider, whereas
the TPS3803-01 has an adjustable SENSE input that
can be configured by two external resistors. In
addition to the fixed sense threshold monitored at
VDD, the TPS3805 devices provide a second
adjustable SENSE input. RESET is asserted in case
either of the two voltages drops below VIT.
During power on, RESET is asserted when supply
voltage VDD becomes higher than 0.8 V. Thereafter,
the supervisory circuit monitors VDD (and/or SENSE)
and keeps RESET active as long as VDD or SENSE
remains below the threshold voltage VIT. As soon as
VDD (SENSE) rises above the threshold voltage VIT,
RESET is deasserted again. The product spectrum is
designed for 1.5 V, 3.3 V, and adjustable supply
voltages.
The devices are available in a 5-pin SC-70 package.
The
TPS3803
and
TPS3805
devices
are
characterized for operation over a temperature range
of –40
°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS3803G15QDCKRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3803G15QDCKRQ1 TI-TPS3803G15QDCKRQ1 Datasheet
285Kb / 13P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803G15QDCKRQ1 TI-TPS3803G15QDCKRQ1 Datasheet
327Kb / 14P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803G15QDCKRQ1 TI1-TPS3803G15QDCKRQ1 Datasheet
1Mb / 25P
[Old version datasheet]   Voltage Detectors
More results

Description similaire - TPS3803G15QDCKRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
   VOLTAGE DETECTORS
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16