Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9559BCPZ-REEL7 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD9559BCPZ-REEL7
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9559BCPZ-REEL7 Fiches technique(HTML) 5 Page - Analog Devices

  AD9559BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD9559BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD9559BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD9559BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD9559BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD9559BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD9559BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD9559BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD9559BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 5 of 120
POWER DISSIPATION
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER DISSIPATION
Typical Configuration
0.57
0.71
0.85
W
System clock: 49.152 MHz crystal; two DPLLs active;
two 19.44 MHz input references in differential mode;
two HSTL drivers at 644.53125 MHz; two 3.3 V CMOS
drivers at 161.1328125 MHz and 80 pF capacitive load
on CMOS output
All Blocks Running
0.71
0.89
1.1
W
System clock: 49.152 MHz crystal; two DPLLs active,
all input references in differential mode; two HSTL
drivers at 750 MHz; four 3.3 V CMOS drivers at 250 MHz
and 80 pF capacitive load on CMOS outputs
Full Power-Down
75
110
mW
Typical configuration with no external pull-up or pull-
down resistors; about 2/3 of this power is on VDD3
Incremental Power Dissipation
Typical configuration; table values show the change in
power due to the indicated operation
Complete DPLL/APLL On/Off
171
214
257
mW
This power delta is computed relative to the typical
configuration; the blocks powered down include one
reference input, one DPLL, one APLL, one P divider, two
channel dividers, one HSTL driver, and one CMOS driver;
roughly 2/3 of the power savings is on the 1.8 V supply
Input Reference On/Off
Differential Without Divide-by-2
19
25
31
mW
Additional current draw is in the VDD3 domain only
Differential With Divide-by-2
25
32
39
mW
Additional current draw is in the VDD3 domain only
Single-Ended (Without Divide-by-2)
5
6.6
8
mW
Additional current draw is in the VDD3 domain only
Output Distribution Driver On/Off
LVDS (at 750 MHz)
12
17
22
mW
Additional current draw is in the VDD domain only
HSTL (at 750 MHz)
14
21
28
mW
Additional current draw is in the VDD domain only
1.8 V CMOS (at 250 MHz)
14
21
28
mW
A single 1.8 V CMOS output with an 80 pF load
3.3 V CMOS (at 250 MHz)
18
27
36
mW
A single 3.3 V CMOS output with an 80 pF load
SYSTEM CLOCK INPUTS (XOA, XOB)
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SYSTEM CLOCK MULTIPLIER
PLL Output Frequency Range
750
805
MHz
VCO range may place limitations on nonstandard system
clock input frequencies
Phase Frequency Detector (PFD) Rate
150
MHz
Frequency Multiplication Range
4
255
Assumes valid system clock and PFD rates
SYSTEM CLOCK REFERENCE INPUT PATH
Input Frequency Range
10
400
MHz
Minimum Input Slew Rate
50
V/μs
Minimum limit imposed for jitter performance; jitter
performance affected if sine wave input ≤ 20 MHz
Common-Mode Voltage
1.05
1.16
1.27
V
Internally generated
Differential Input Voltage Sensitivity
250
mV p-p
Minimum voltage across pins required to ensure switching
between logic states; the instantaneous voltage on either
pin must not exceed supply rails; single-ended input can
be accommodated by ac grounding complementary input;
1 V p-p recommended for optimal jitter performance
System Clock Input Doubler Duty Cycle
Amount of duty cycle variation that can be tolerated on
the system clock input to use the doubler
System Clock input = 50 MHz
45
50
55
%
System Clock input = 20 MHz
46
50
54
%
System Clock input = 16 MHz to 20 MHz
47
50
53
%
Input Capacitance
3
pF
Single-ended, each pin
Input Resistance
4.1
kΩ


Numéro de pièce similaire - AD9559BCPZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9550 AD-AD9550 Datasheet
406Kb / 20P
   Integer-N Clock Translator for Wireline Communications
REV. 0
AD9550/PCBZ AD-AD9550/PCBZ Datasheet
406Kb / 20P
   Integer-N Clock Translator for Wireline Communications
REV. 0
AD9550BCPZ AD-AD9550BCPZ Datasheet
406Kb / 20P
   Integer-N Clock Translator for Wireline Communications
REV. 0
AD9550BCPZ-REEL7 AD-AD9550BCPZ-REEL7 Datasheet
406Kb / 20P
   Integer-N Clock Translator for Wireline Communications
REV. 0
AD9551 AD-AD9551 Datasheet
799Kb / 40P
   Multiservice Clock Generator
REV. B
More results

Description similaire - AD9559BCPZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9554 AD-AD9554 Datasheet
1Mb / 116P
   Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
AD9554-1 AD-AD9554-1 Datasheet
927Kb / 99P
   Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
AD9557 AD-AD9557_16 Datasheet
1Mb / 95P
   Dual Input Multiservice Line Card Adaptive Clock Translator
AD9558 AD-AD9558_16 Datasheet
1Mb / 105P
   Quad Input Multiservice Line Card Adaptive Clock Translator with Frame Sync
AD9558 AD-AD9558 Datasheet
1Mb / 104P
   Quad Input Multiservice Line Card Adaptive
REV. A
AD9542 AD-AD9542 Datasheet
1Mb / 61P
   Quad Input, Five-Output, Dual DPLL Synchronizer and Adaptive Clock Translator
AD9557 AD-AD9557 Datasheet
1Mb / 92P
   Dual Input Multiservice
REV. A
AD9551 AD-AD9551 Datasheet
799Kb / 40P
   Multiservice Clock Generator
REV. B
logo
Renesas Technology Corp
ICS348-22 RENESAS-ICS348-22 Datasheet
203Kb / 9P
   QUAD PLL CLOCK SYNTHESIZER
012005
logo
Analog Devices
AD9547 AD-AD9547_14 Datasheet
1Mb / 106P
   Dual/Quad Input Network Clock Generator/Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com