Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9446BSVZ-1001 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD9446BSVZ-1001
Description  16-Bit, 80/100 MSPS ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9446BSVZ-1001 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD9446BSVZ-1001 Datasheet HTML 7Page - Analog Devices AD9446BSVZ-1001 Datasheet HTML 8Page - Analog Devices AD9446BSVZ-1001 Datasheet HTML 9Page - Analog Devices AD9446BSVZ-1001 Datasheet HTML 10Page - Analog Devices AD9446BSVZ-1001 Datasheet HTML 11Page - Analog Devices AD9446BSVZ-1001 Datasheet HTML 12Page - Analog Devices AD9446BSVZ-1001 Datasheet HTML 13Page - Analog Devices AD9446BSVZ-1001 Datasheet HTML 14Page - Analog Devices AD9446BSVZ-1001 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD9446
Rev. 0 | Page 11 of 36
Table 7. Pin Function Descriptions—100-Lead TQFP/EP in LVDS Mode
Pin No.
Mnemonic
Description
1
DCS MODE
Clock Duty Cycle Stabilizer (DCS) Control Pin. CMOS compatible. DCS = low (AGND) to enable
DCS (recommended); DCS = high (AVDD1) to disable DCS.
2
DNC
Do Not Connect. These pins should float.
3
OUTPUT
MODE
CMOS-Compatible Output Logic Mode Control Pin. OUTPUT MODE = 0 for CMOS mode;
OUTPUT MODE = 1 (AVDD1) for LVDS outputs.
4
DFS
Data Format Select Pin. CMOS control pin that determines the format of the output data. DFS =
high (AVDD1) for twos complement; DFS = low (ground) for offset binary format.
5
LVDS_BIAS
Set Pin for LVDS Output Current. Place 3.7 kΩ resistor terminated to DRGND.
6, 18 to 20, 32 to 34, 36, 38,
43 to 45, 92 to 97
AVDD1
3.3 V (±5%) Analog Supply.
7
SENSE
Reference Mode Selection. Connect to AGND for internal 1.6 V reference (3.2 V p-p analog
input range); connect to AVDD1 for external reference.
8
VREF
1.6 V Reference I/O. Function dependent on SENSE and external programming resistors.
Decouple to ground with 0.1 μF and 10 μF capacitors.
9, 21, 24, 39, 42, 46, 91, 98,
99, 100, Exposed Heat Sink
AGND
Analog Ground. The exposed heat sink on the bottom of the package must be connected to
AGND.
10
REFT
Differential Reference Output. Decoupled to ground with 0.1 μF capacitor and to REFB (Pin 11)
with 0.1 μF and 10 μF capacitors.
11
REFB
Differential Reference Output. Decoupled to ground with a 0.1 μF capacitor and to REFT
(Pin 10) with 0.1 μF and 10 μF capacitors.
12 to 17, 25 to 31, 35, 37
AVDD2
5.0 V Analog Supply (±5%).
22
VIN+
Analog Input—True.
23
VIN−
Analog Input—Complement.
40
CLK+
Clock Input—True.
41
CLK−
Clock Input—Complement.
47, 63, 75, 87,
DRGND
Digital Output Ground.
48, 64, 76, 88
DRVDD
3.3 V Digital Output Supply (3.0 V to 3.6 V).
49
D0− (LSB)
D0 Complement Output Bit (LVDS Levels).
50
D0+
D0 True Output Bit.
51
D1−
D1 Complement Output Bit.
52
D1+
D1 True Output Bit.
53
D2−
D2 Complement Output Bit.
54
D2+
D2 True Output Bit.
55
D3−
D3 Complement Output Bit.
56
D3+
D3 True Output Bit.
57
D4−
D4 Complement Output Bit.
58
D4+
D4 True Output Bit.
59
D5−
D5 Complement Output Bit.
60
D5+
D5 True Output Bit.
61
D6−
D6 Complement Output Bit.
62
D6+
D6 True Output Bit.
65
D7−
D7 Complement Output Bit.
66
D7+
D7 True Output Bit.
67
DCO−
Data Clock Output—Complement.
68
DCO+
Data Clock Output—True.
69
D8−
D8 Complement Output Bit.
70
D8+
D8 True Output Bit.
71
D9−
D9 Complement Output Bit.
72
D9+
D9 True Output Bit.
73
D10−
D10 Complement Output Bit.
74
D10+
D10 True Output Bit.
77
D11−
D11 Complement Output Bit.
78
D11+
D11 True Output Bit.


Numéro de pièce similaire - AD9446BSVZ-1001

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9446BSVZ-100 AD-AD9446BSVZ-100 Datasheet
952Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD9446BSVZ-100 AD-AD9446BSVZ-100 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
More results

Description similaire - AD9446BSVZ-1001

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9446 AD-AD9446_17 Datasheet
707Kb / 37P
   16-Bit, 80/100 MSPS ADC
AD9446 AD-AD9446 Datasheet
952Kb / 36P
   16-Bit, 80/100 MSPS ADC
REV. 0
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
logo
Microchip Technology
MCP37D31-80 MICROCHIP-MCP37D31-80 Datasheet
3Mb / 141P
   80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com