Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7892AR-2 Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD7892AR-2
Description  LC2MOS Single Supply, 12-Bit 600 kSPS ADC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7892AR-2 Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD7892AR-2 Datasheet HTML 6Page - Analog Devices AD7892AR-2 Datasheet HTML 7Page - Analog Devices AD7892AR-2 Datasheet HTML 8Page - Analog Devices AD7892AR-2 Datasheet HTML 9Page - Analog Devices AD7892AR-2 Datasheet HTML 10Page - Analog Devices AD7892AR-2 Datasheet HTML 11Page - Analog Devices AD7892AR-2 Datasheet HTML 12Page - Analog Devices AD7892AR-2 Datasheet HTML 13Page - Analog Devices AD7892AR-2 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AD7892
REV. C
–11–
The designed code transitions occur midway between successive
integer LSB values (i.e., 1/2 LSB, 3/2 LSBs, 5/2 LSBs). Output
coding is two’s complement binary with 1 LSB = FSR/4096 =
20 V/4096 = 4.88 mV for the
±10 V range and 1 LSB = FSR/
4096 = 10 V/4096 = 2.44 mV for the
±5 V range. The ideal
input/output transfer function for the AD7892-1 is shown in
Table I.
AD7892-2
The analog input section for the AD7892-2 contains no biasing
resistors. The analog input looks directly into the track/hold
input stage. The analog input range on the VIN1 input is 0 V to
+2.5 V. The VIN2 input can be left unconnected but if it is
connected to a potential then that potential must be AGND.
The VIN1 input connects directly to the input sampling capacitor
of the AD7892-2’s track/hold. The value of this input sampling
capacitor is nominally 10 pF.
Once again, the designed code transitions occur midway be-
tween successive integer LSB values (i.e., 1/2 LSB, 3/2 LSBs,
5/2 LSBs). Output coding is straight (natural) binary with
1 LSB = FSR/4096 = 2.5 V/4096 = 0.61 mV. The ideal input/
output transfer function for the AD7892-2 is shown in Table II.
Table I. Ideal Input/Output Code Table for the AD7892-1
Digital Output
Analog Input
Code Transition
+FSR/2 – 3/2 LSB1, 2 (9.99268 or 4.99634)3
011 . . . 110 to 011 . . . 111
+FSR/2 – 5/2 LSBs (9.98779 or 4.99390)
011 . . . 101 to 011 . . . 110
+FSR/2 – 7/2 LSBs (9.98291 or 4.99146)
011 . . . 100 to 011 . . . 101
AGND + 3/2 LSB (0.00732 or 0.00366)
000 . . . 001 to 000 . . . 010
AGND + 1/2 LSB (0.00244 or 0.00122)
000 . . . 000 to 000 . . . 001
AGND – 1/2 LSB (–0.00244 or –0.00122)
111 . . . 111 to 000 . . . 000
AGND – 3/2 LSB (–0.00732 or –0.00366)
111 . . . 110 to 111 . . . 111
–FSR/2 + 5/2 LSB (–9.98779 or – 4.99390)
100 . . . 010 to 100 . . . 011
–FSR/2 + 3/2 LSB (–9.99268 or – 4.99634)
100 . . . 001 to 100 . . . 010
–FSR/2 + 1/2 LSB (–9.99756 or – 4.99878)
100 . . . 000 to 100 . . . 001
NOTES
1FSR is full-scale range and REF IN = +2.5 V, is 20 V for the
±10 V range and 10 V
for the
±5 V range.
21 LSB = FSR/4096 = 4.88 mV (
±10 V range) and 2.44 mV (±5 V range) with REF
IN = +2.5 V.
3
± 10 V range or ±5 V range.
Table II. Ideal Input/Output Code Table for the AD7892-2
Digital Output
Analog Input
Code Transition
+FSR – 3/2 LSB
1, 2 (2.499084 V)
111 . . . 110 to 111 . . . 111
+FSR – 5/2 LSBs (2.498474 V)
111 . . . 110 to 111 . . . 110
+FSR – 7/2 LSBs (2.497864 V)
111 . . . 100 to 111 . . . 101
AGND + 5/2 LSB (0.001526 V)
000 . . . 010 to 010 . . . 011
AGND + 3/2 LSB (0.00916 V)
000 . . . 001 to 001 . . . 010
AGND + 1/2 LSB (0.000305 V)
000 . . . 000 to 000 . . . 001
NOTES
1FSR is full-scale range and is 2.5 V with REF IN = +2.5 V.
21 LSB = FSR/4096 = 0.61 mV with REF IN = +2.5 V.
AD7892-3
Figure 5 shows the analog input section for the AD7892-3. The
analog input range is
±2.5 V on the VIN1 input. The VIN2 input
can be left unconnected but if it is connected to a potential then
that potential must be AGND. The input resistance on the VIN1
is 1.8 k
Ω nominal. As a result, the VIN1 input should be driven
from a low impedance source. The resistor attenuator stage is
followed by the high input impedance stage of the track/hold
amplifier. This resistor attenuator stage allows the input voltage
to go to
±7 V without damaging the AD7892-3.
The designed code transitions occur midway between succes-
sive integer LSB values (i.e., 1/2 LSB, 3/2 LSBs, 5/2 LSBs).
Output coding is two’s complement binary with 1 LSB = FSR/
4096 = 5 V/4096 = 1.22 mV with REF IN = +2.5 V. The ideal
input/output transfer function for the AD7892-3 is shown in
Table III.
+2.5
REFERENCE
REF OUT/
REF IN
VIN1
VIN2*
AGND
TO HIGH
IMPEDANCE
SHA INPUT
TO ADC
REFERENCE
CIRCUITRY
2k
3.25k
3.25k
* UNCONNECTED INTERNALLY ON THE AD7892-3
Figure 5. AD7892-3 Analog Input Structure
Table III. Ideal Input/Output Code Table for the AD7892-3
Digital Output
Analog Input
Code Transition
+FSR/2 – 3/2 LSB
1, 2 (2.49817)
011 . . . 110 to 011 . . . 111
+FSR/2 – 5/2 LSBs (2.49695)
011 . . . 110 to 011 . . . 110
+FSR/2 – 7/2 LSBs (2.49573)
011 . . . 110 to 011 . . . 101
AGND + 3/2 LSB (0.00183)
000 . . . 001 to 000 . . . 010
AGND + 1/2 LSB (0.00061)
000 . . . 000 to 000 . . . 001
AGND – 1/2 LSB (–0.00061)
111 . . . 111 to 000 . . . 000
AGND – 3/2 LSB (–0.00183)
111 . . . 110 to 111 . . . 111
–FSR/2 + 5/2 LSB (–2.49695)
100 . . . 010 to 100 . . . 011
–FSR/2 + 3/2 LSB (–2.49817)
100 . . . 001 to 100 . . . 010
–FSR/2 + 1/2 LSB (–2.49939)
100 . . . 000 to 100 . . . 001
NOTES
1FSR is full-scale range and is 5 V with REF IN = +2.5 V.
21 LSB = FSR/4096 = 1.22 mV with REF IN = +2.5 V.


Numéro de pièce similaire - AD7892AR-2

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7892AR-2 AD-AD7892AR-2 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892AR-2 AD-AD7892AR-2 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892AR-2 AD-AD7892AR-2 Datasheet
178Kb / 15P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
More results

Description similaire - AD7892AR-2

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7892BNZ-1 AD-AD7892BNZ-1 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892_17 Datasheet
178Kb / 15P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
AD7892 AD-AD7892 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892_15 Datasheet
146Kb / 14P
   LC MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
EVAL-AD7891-1CB AD-EVAL-AD7891-1CB Datasheet
360Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 454 kSPS ADC
REV. A
EVAL-AD7891-2CB AD-EVAL-AD7891-2CB Datasheet
381Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 500 kSPS ADC
REV. A
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com